Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC4253
16
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
start the GATE pin if all the interlock conditions except
TIMER are met. Only during the initial timing cycle does OV
condition have an effect of resetting TIMER.
DRAIN
Connecting an external resistor, RD, to this dual function
DRAIN pin allows VOUT (MOSFET drain-source voltage
drop) sensing without it being damaged by large voltage
transients. Below 6.15V, negligible pin leakage allows a
DRAIN low comparator to detect VOUT less than 2.385V
(VDRNL). This, together with the GATE low comparator,
sets the PWRGD flag.
When VOUT > VDRNCL (7V), the DRAIN pin is clamped at
about 7V and the current flowing in RD is given by:
I
VV
R
DRN
OUT
DRNCL
D
≈
−
(1)
This current is scaled up 8 times during a circuit breaker
fault before being added to the nominal 200
µA. This
accelerates the fault TIMER pull-up when the MOSFET’s
drain-source voltage exceeds 7V and effectively shortens
the MOSFET heating duration.
The R1-R2 divider values shown set a standing current of
slightly more than 100
µA and define an impedance at
UV/OV of 30k
Ω. In most applications, 30kΩ impedance
coupled with 300mV UV hysteresis makes the LTC4253
insensitive to noise. If more noise immunity is desired,
add a 1nF to 10nF filter capacitor from UV/OV to VEE.
The separate UV and OV pins can be used for wider
operating range such as 35.5V to 80V range as shown in
Figure 3. Other combinations are possible with different
resistors arrangement.
UV/OV OPERATION
A low input to the UV comparator will reset the chip and
pull the GATE and TIMER pins low. A low-to-high UV
transition will initiate an initial timing sequence if the other
interlock conditions are met. A high-to-low transition in
the UV comparator immediately shuts down the LTC4253,
pulls the MOSFET gate low and resets the three latched
PWRGD signals high.
An overvoltage condition is detected by the OV compara-
tor and pulls GATE low, thereby shutting down the load,
but it will not reset the circuit breaker TIMER and PWRGD
flags. Returning from the overvoltage condition will re-
R6
2.2k
R5
2.2k
R7
2.2k
PWRGD1
VIN
VEE
LTC4253
POWER
MODULE 1
PWRGD2
PWRGD3
EN3
EN2
UV
OV
RESET
DRAIN
SS
GATE
SQTIMER
SENSE
TIMER
EN
POWER
MODULE 2
EN
POWER
MODULE 3
EN
RIN
10k
20k(1/4W)/2
PUSH
RESET
12
3
4
11
2
516
15
1
EN3
4253 F03
EN2
610
14
9
13
7
8
RC
10
Ω
RD 1M
RS
0.02
Ω
Q1
IRF530S
Q2
FZT857
VIN
CC
18nF
CT
0.33
µF
C1 10nF
CSQ
0.1
µF
CSS 68nF
R8
POWER
MODULE 1
OUTPUT
POWER
MODULE 2
OUTPUT
VIN
R9
+
CL
100
µF
CIN
1
µF
R3
32.4k
1%
R1
432k
1%
–48V
GND
SHORT
PIN
GND
R10
47k
R2
14k
1%
R4 22k
††
†
†
†
†MOC207
Figure 3. –48V/2.5A Application with Wider Operating Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com