Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4253
14
4253f
OPERATIO
Interlock Conditions
A start-up sequence commences once these “interlock”
conditions are met:
1. The input voltage VIN exceeds 9.2V (UVLO).
2. The voltage at UV > 3.225V.
3. The voltage at OV < 5.85V.
4. The input voltage at RESET < 0.8V.
5. The (SENSE – VEE ) voltage < 50mV (VCB)
6. The voltage at SS is < 0.2V (20 • VOS)
7. The voltage on the TIMER capacitor ( CT ) is
< 1V (VTMRL).
8. The voltage at GATE is < 0.5V (VGATEL)
The first four conditions are continuously monitored and
the latter four are checked prior to initial timing or GATE
ramp-up. Upon exiting an OV condition, the TIMER pin
voltage requirement is inhibited. Details are described in
the Applications Information, Timing Waveforms section.
TIMER begins the start-up sequence by sourcing 5
µA into
CT. If VIN, UV or OV falls out of range or RESET asserts, the
start-up cycle stops and TIMER discharges CT to less than
1V, then waits until the aforementioned conditions are
once again met. If CT successfully charges to 4V, TIMER
pulls low and both SS and GATE pins are released. GATE
sources 50
µA (IGATE), charging the MOSFET gate and
associated capacitance. The SS voltage ramp limits VSENSE
to control the inrush current. PWRGD1 pulls active low
when GATE is within 2.8V of VIN and DRAIN is lower than
VDRNL. This sets off the power good sequence in which
PWRGD2 and then PWRGD3 is subsequently pulled low
after a delay, programmable through the SQTIMER ca-
pacitor CSQ or by external control inputs EN2 and EN3. In
this way, external loads or power modules controlled by
the three PWRGD signals are turned on in a controlled
manner without overloading the power bus.
Two modes of operation are possible during the time the
MOSFET is first turned on, depending on the values of
external components, MOSFET characteristics and nomi-
nal design current. One possibility is that the MOSFET will
turn on gradually so that the inrush into the load capaci-
tance remains a low value. The output will simply ramp to
– 48V and the LTC4253 will fully enhance the MOSFET. A
second possibility is that the load current exceeds the soft-
start current limit threshold of [VSS(t)/20 – VOS]/RS. In this
case the LTC4253 will ramp the output by sourcing soft-
start limited current into the load capacitance. If the soft-
start voltage is below 1.2V, the circuit breaker TIMER is
held low. Above 1.2V, TIMER ramps up. It is important to
set the timer delay so that, regardless of which start-up
mode is used, the TIMER ramp is less than one circuit
breaker delay time. If this condition is not met, the LTC4253
may shut down after one circuit breaker delay time.
Board Removal
When the board is withdrawn from the card cage, the
UV/OV divider is the first to lose connection. This shuts off
the MOSFET and commutates the flow of current in the
connector. When the power pins subsequently separate
there is no arcing.
Current Control
Three levels of protection handle short-circuit and over-
load conditions. Load current is monitored by SENSE and
resistor RS. There are three distinct thresholds at SENSE:
50mV for a timed circuit breaker function; 100mV for an
analog current limit loop; and 200mV for a fast, feedforward
comparator which limits peak current in the event of a
catastrophic short-circuit.
If, due to an output overload, the voltage drop across RS
exceeds 50mV, TIMER sources 200
µA into CT. CT eventu-
ally charges to a 4V threshold and the LTC4253 shuts off.
If the overload goes away before CT reaches 4V and SENSE
measures less than 50mV, CT slowly discharges (5µA). In
this way the LTC4253’s circuit breaker function responds
to low duty cycle overloads, and accounts for the fast
heating and slow cooling characteristic of the MOSFET.
Higher overloads are handled by an analog current limit
loop. If the drop across RS reaches 100mV, the current
limiting loop servos the MOSFET gate and maintains a
constant output current of 100mV/RS. In current limit
mode, VOUT (MOSFET drain-source voltage drop) typically
rises and this increases MOSFET heating. If VOUT > VDRNCL
(7V), connecting an external resistor, RD between VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com