Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology LTC4253IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC4253
20
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
R
V
I
S
CB MIN
LMAX
=
()
()
(8)
where VCB(MIN) = 40mV represents the guaranteed mini-
mum circuit breaker threshold.
During the initial charging process, the LTC4253 may
operate the MOSFET in current limit, forcing (VACL) be-
tween 80mV to 120mV across RS. The minimum inrush
current is given by:
I
mV
R
INRUSH MIN
S
()=
80
(9)
Maximum short-circuit current limit is calculated using
the maximum VSENSE. This gives
I
mV
R
SHORTCIRCUIT MAX
S
() =
120
(10)
The TIMER capacitor CT must be selected based on the
slowest expected charging rate; otherwise TIMER might
time out before the load capacitor is fully charged. A value
for CT is calculated based on the maximum time it takes the
load capacitor to charge. That time is given by:
t
CV
I
CV
I
CL CHARGE
L
SUPPLY MAX
INRUSH MIN
()
()
()
•
•
==
(11)
The maximum current flowing in the DRAIN pin is given by:
I
VV
R
DRN MAX
SUPPLY MAX
DRNCL
D
()
()
=
−
(12)
Approximating a linear charging rate, IDRN drops from
IDRN(MAX) to zero, the IDRN component in Equation (3) can
be approximated with 0.5 • IDRN(MAX). Rearranging the
equation, TIMER capacitor CT is given by:
C
tA
I
V
T
CL CHARGE
DRN MAX
=
µ+
()
(
)
•(
•
)
200
4
4
(13)
Returning to Equation (3), the TIMER period is calculated
and used in conjunction with VSUPPLY(MAX) and
ISHORTCIRCUIT(MAX) to check the SOA curves of a prospec-
tive MOSFET.
As a numerical design example, consider a 30W load,
which requires 1A input current at 36V. If VSUPPLY(MAX) =
72V and CL = 100µA, RD = 1MΩ, Equation (8) gives
RS = 40mΩ; Equation (13) gives CT = 441nF. To account
for errors in RS, CT, TIMER current (200µA), TIMER
threshold (4V), RD, DRAIN current multiplier and DRAIN
voltage clamp (VDRNCL), the calculated value should be
multiplied by 1.5, giving the nearest standard value of
CT = 680nF.
If a short-circuit occurs, a current of up to
120mV/40m
Ω = 3A will flow in the MOSFET for 3.6ms as
dictated by CT = 680nF in Equation (3). The MOSFET must
be selected based on this criterion. The IRF530S can
handle 100V and 3A for 10ms and is safe to use in this
application.
Computing the maximum soft-start capacitor value during
soft-start to a load short is complicated by the nonlinear
MOSFET’s SOA characteristics and the RSSCSS response.
An overconservative but simple approach begins with the
maximum circuit breaker current, given by:
I
mV
R
CB MAX
S
() =
60
(14)
From the SOA curves of a prospective MOSFET, determine
the time allowed, tSOA(MAX). CSS is given by:
C
t
R
SS
SOA MAX
SS
=
()
.•
0 916
(15)
In the above example, 60mV/40m
Ω gives 1.5A. tSOA for
the IRF530S is 40ms. From Equation (15), CSS = 437nF.
Actual board evaluation showed that CSS = 100nF was
appropriate. The ratio ( RSS • CSS ) to tCL(CHARGE) is a good
gauge as large ratios may result in the time-out period
expiring prematurely. This gauge is determined empiri-
cally with board level evaluation.
SUMMARY OF DESIGN FLOW
To summarize the design flow, consider the application
shown in Figure 2. It was designed for 50W and CL = 100µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com