Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology LTC4253IGN Datasheet HTML 26Page - Linear Technology LTC4253IGN Datasheet HTML 27Page - Linear Technology LTC4253IGN Datasheet HTML 28Page - Linear Technology LTC4253IGN Datasheet HTML 29Page - Linear Technology LTC4253IGN Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4253
26
4253f
for reset by pulsing the UV pin or VIN pin, while no initial
timing cycle is generated for reset by pulsing of the TIMER
and SS pins.
Using Reset as an ON/OFF switch
The asynchronous RESET pin can be used as an on/off
function to cut off supply to the external power modules or
loads controlled by the chip. Pulling RESET high will pull
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
GATE, SS, TIMER and SQTIMER low and the PWRGD
signal high. The supply is fully cut off if the RESET pulse
is maintained wide enough to fully discharge the GATE and
SS pins. As long as RESET is high, GATE, SS, TIMER and
SQTIMER are strapped to VEE and the supply is cut off.
When RESET is released, if VSENSE > VCB, UV < VUVLO, OV
> VOVHI or VIN is in UVLO, the chip waits for the interlock
conditions before recovering as described in the Opera-
UV/OV
TIMER
GATE
SENSE
SS
DRAIN
PWRGD1
PWRGD2
PWRGD3
SQTIMER
EN2
EN3
12
3
4 5 67
8
9A B C
D
E
4253 F11
INITIAL TIMING
GATE
START-UP
UV/OV DROPS BELOW VOVLO AND TIMER RESTARTS INITIAL TIMING CYCLE
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
UV/OV CLEARS VUVHI, CHECK OV CONDITION, RESET< 0.8V, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
UV/OV OVERSHOOTS VOVHI AND TIMER ABORTS INITIAL TIMING CYCLE
VOVHI
VOVLO
VUVHI
VGATEL
VTMRH
VACL
VSQTMRH
VSQTMRL
VCB
VTMRL
20 • (VACL + VOS)
20 • (VCB + VOS)
20 • VOS
5
µA
5
µA
5
µA
5
µA
5
µA
50
µA
50
µA
50
µA
VSQTMRH
VDRNCL
VDRNL
VIN – VGATEH
200
µA + 8 • IDRN
VSQTMRL
Figure 11. Undervoltage Timing with an Overvoltage Glitch (All Waveforms are Referenced to VEE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com