Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC4253IGN Datasheet HTML 1Page - Linear Technology LTC4253IGN Datasheet HTML 2Page - Linear Technology LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4253
2
4253f
Current into VIN (100µs Pulse) ........................... 100mA
Input/Output (Except SENSE
and DRAIN) Voltage ...................................– 0.3V to 16V
SENSE Voltage ..........................................– 0.6V to 16V
Current Out of SENSE Pin (20
µs Pulse)............ –200mA
VIN, DRAIN Pin Minimum Voltage ........................ –0.3V
Current into DRAIN Pin (100
µs Pulse) ................. 20mA
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range
LTC4253C ............................................... 0
°C to 70°C
LTC4253I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
GN PART
MARKING
TJMAX = 125°C, θJA = 130°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
4253
4253I
LTC4253CGN
LTC4253IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1), All voltages referred to VEE
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VZ
VIN to VEE Zener Voltage
IIN = 2mA
q
12
13
14.5
V
RZ
VIN to VEE Zener Dynamic Impedance
IIN = (2mA Thru 30mA)
5
Ω
IIN
VIN Supply Current
UV/OV = 4V, VIN = (VZ – 0.3V)
q
0.8
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (rising VIN)
q
9.2
12
V
VLKH
VIN Undervoltage Lockout Hysteresis
1V
VIH
TTL Input High Voltage
q
2V
VIL
TTL Input Low Voltage
q
0.8
V
VHYST
TTL Input Buffer Hysterisis
600
mV
ILEAK
TTL Input Leakage Current
Input = 0V
q
±0.1
±10
µA
IRESET
RESET Input Current
VEE ≤ VRESET ≤ VIN
q
±0.1
±10
µA
IEN
EN2, EN3 Input Current
VEN = 4V
q
120
180
µA
VEN = 0V
q
±0.1
±10
µA
VSS
SS Voltage
After End of SS Timing Cycle
2.2
V
ISS
SS Pin Current
UV = OV = 4V, VSENSE = VEE, VSS = 0V (SOURCING)
22
µA
UV= OV = 0V, VSENSE = VEE, VSS = 2V (SINKING)
28
mA
RSS
SS Output Impedance
100
k
Ω
VCB
Circuit Breaker Current Limit Voltage
VCB = (VSENSE – VEE)
q
40
50
60
mV
VACL
Analog Current Limit Voltage
VACL = (VSENSE – VEE)
q
80
100
120
mV
VFCL
Fast Current Limit Voltage
VFCL = (VSENSE – VEE)
q
150
200
300
mV
VOS
Analog Current Limit Offset Voltage
10
mV
VACL + VOS
Ratio (VACL + VOS) to SS Voltage
0.05
V/V
VSS
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
EN2
PWRGD2
PWRGD1
VIN
RESET
SS
SENSE
VEE
PWRGD3
EN3
SQTIMER
TIMER
UV
OV
DRAIN
GATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com