Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4253
10
4253f
EN2 (Pin 1): Power Good Status Output Two Enable. This
is a TTL compatible input that is used to control PWRGD2
and PWRGD3 outputs. When EN2 is driven low, both
PWRGD2 and PWRGD3 will go high. When EN2 is driven
high, PWRGD2 will go low provided PWRGD1 has been
active for more than one power good sequence delay
(tSQT) provided by the sequencing timer. EN2 can be used
to control the power good sequence. This pin is internally
pulled low by a 120
µA current source.
PWRGD2 (Pin 2): Power Good Status Output Two. Power
good sequence starts with PWRGD1 latching active low.
PWRGD2 will latch active low after EN2 goes high and after
one power good sequence delay tSQT provided by the
sequencing timer from the time PWRGD1 goes low,
whichever comes later. PWRGD2 is reset by PWRGD1
going high or EN2 going low. This pin is internally pulled
high by a 50
µA current source.
PWRGD1 (Pin 3): Power Good Status Output One. At
start-up, PWRGD1 latches active low and starts the power
good sequence when the DRAIN pin is below 2.385V and
GATE is within 2.8V of VIN. PWRGD1 status is reset by UV,
VIN (UVLO), RESET going high or circuit breaker fault
time-out. This pin is internally pulled high by a 50
µA
current source.
VIN (Pin 4): Positive Supply Input. Connect this pin to the
positive side of the supply through a dropping resistor. A
shunt regulator clamps VIN at 13V above VEE. An internal
undervoltage lockout (UVLO) circuit holds GATE low until
the VIN pin is greater than VLKO (9.2V), overriding UV and
OV. If UV is high, OV is low and VIN comes out of UVLO,
TIMER starts an initial timing cycle before initiating GATE
ramp up. If VIN drops below approximately 8.2V, GATE
pulls low immediately.
RESET (Pin 5): Circuit Breaker Reset Pin. This is an
asynchronous TTL compatible input. RESET going high
will pull GATE, SS, TIMER, SQTIMER low and the PWRGD
outputs high. The RESET pulse must be wide enough to
discharge any voltage on the TIMER pin below VTMRL.
After the reset of a latched fault, the chip waits for the
interlock conditions before recovering as described in
Interlock Conditions in the Operation section.
SS (Pin 6): Soft-Start Pin. This pin is used to ramp inrush
current during start up, thereby effecting control over
di/dt. A 20X attenuated version of the SS pin voltage is
presented to the current limit amplifier. This attenuated
voltage limits the MOSFET’s drain current through the
sense resistor during the soft-start current limiting. At the
beginning of the start-up cycle, the SS capacitor (CSS) is
ramped by a 22
µA current source. The GATE pin is held
low until SS exceeds 20 • VOS = 0.2V. SS is internally
shunted by 100k
Ω RSS which limits the SS pin voltage to
2.2V. This corresponds to an analog current limit SENSE
voltage of 100mV. If the SS capacitor is omitted, the SS pin
ramps from 0V to 2.2V in about 300
µs.TheSSpinispulled
low under any of the following conditions: UVLO at VIN,
UV, OV, during the initial timing cycle, a circuit breaker
fault time-out or the RESET pin going high.
SENSE (Pin 7): Circuit Breaker/Current Limit Sense Pin.
Load current is monitored by a sense resistor RS con-
nected between SENSE and VEE, and controlled in three
steps. If SENSE exceeds VCB (50mV), the circuit breaker
comparator activates a (200
µA + 8 • IDRN) TIMER pull-up
current. If SENSE exceeds VACL (100mV), the analog
current-limit amplifier pulls GATE down to regulate the
MOSFET current at VACL/RS. In the event of a catastrophic
short-circuit, SENSE may overshoot 100mV. If SENSE
reaches VFCL (200mV), the fast current-limit comparator
pulls GATE low with a strong pull-down. To disable the
circuit breaker and current limit functions, connect SENSE
to VEE.
VEE (Pin 8): Negative Supply Voltage Input. Connect this
pin to the negative side of the power supply.
GATE (Pin 9): N-channel MOSFET Gate Drive Output. This
pin is pulled high by a 50
µA current source. GATE is pulled
low by invalid conditions at VIN (UVLO), UV, OV, during the
initial timing cycle, a circuit breaker fault time-out or the
RESET pin going high. GATE is actively servoed to control
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com