Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC4253
11
4253f
the fault current as measured at SENSE. Compensation
capacitor, CC, at GATE stabilizes this loop. A comparator
monitors GATE to ensure that it is low before allowing an
initial timing cycle, GATE ramp up after an overvoltage
event or restart after a current limit fault. During GATE
start-up, a second comparator detects GATE within 2.8V
of VIN before PWRGD1 can be set and power good
sequencing starts.
DRAIN (Pin 10): Drain Sense Input. Connecting an exter-
nal resistor, RD between this pin and the MOSFET's drain
(VOUT) allows voltage sensing below 6.15V and current
feedback to TIMER. A comparator detects if DRAIN is
below 2.385V and together with the GATE high compara-
tor, sets the PWRGD1 flag. If VOUT is above VDRNCL, the
DRAIN pin is clamped at approximately VDRNCL. RD cur-
rent is internally multiplied by 8 and added to TIMER's
200
µAduringacircuitbreakerfaultcycle.Thisreducesthe
fault time and MOSFET heating.
OV (Pin 11): Over-Voltage Input. The active high threshold
at the OV pin is set at 6.15V with 0.3V hysteresis. If OV >
6.15V, GATE pulls low. When OV returns below 5.85V,
GATE start-up begins without an initial timing cycle. If OV
occurs in the middle of an initial timing cycle, the initial
timing cycle is restarted after OV goes away. OV does not
reset the latched fault or PWRGD1 flag. The internal UVLO
at VIN always overrides OV. A 1nF to 10nF capacitor at OV
prevents transients and switching noise from affecting the
OV thresholds and prevents glitches at the GATE.
UV (Pin 12): Under-Voltage Input. The active low thresh-
old at the UV pin is set at 2.925V with 0.3V hysteresis. If
UV < 2.925V, PWRGD1 pulls high, both GATE and TIMER
pull low. If UV rises above 3.225V, this initiates an initial
timing cycle followed by GATE start-up. The internal UVLO
at VIN always overrides UV. A low at UV resets an internal
fault latch. A 1nF to 10nF capacitor at UV prevents tran-
sients and switching noise from affecting the UV thresh-
olds and prevents glitches at the GATE pin.
TIMER (Pin 13): Timer Input. Timer is used to generate an
initial timing delay at start-up, and to delay shutdown in the
event of an output overload (circuit breaker fault). Timer
starts an initial timing cycle when the following conditions
are met: RESET is low, UV is high, OV is low, VIN clears
UVLO, TIMER pin is low, GATE pin is lower than VGATEL, SS
< 0.2V, and VSENSE-VEE < VCB. A pull-up current of 5µA
then charges CT, generating a time delay. If CT charges to
VTMRH (4V), the timing cycle terminates. TIMER quickly
pulls low and GATE is activated.
If SENSE exceeds 50mV while GATE is high, a circuit
breaker cycle begins with a 200
µA pull-up current charg-
ing CT. If DRAIN is approximately 7V during this cycle, the
timer pull-up has an additional current of 8 • IDRN. If SENSE
drops below 50mV before TIMER reaches 4V, a 5
µA pull-
down current slowly discharges the CT. In the event that CT
eventually integrates up to the VTMRH (4V) threshold, the
circuit breaker trips, GATE quickly pulls low and the
PWRGD1 pulls high. TIMER latches high with a 5
µA pull-
up source. This latched fault may be cleared by driving
RESET high until TIMER is pulled low. Other ways of
clearing the fault include pulling the VIN pin momentarily
below (VLKO – VLKH), pulling TIMER low with an external
device or pulling UV below 2.925V.
SQTIMER (Pin 14): Sequencing Timer Input. The se-
quencing timer provides a delay tSQT for the power good
sequencing. This delay is programmed by connecting an
appropriate capacitor to this pin. If the SQTIMER capacitor
is omitted, the SQTIMER pin ramps from 0V to 4V in about
300
µs.
EN3 (Pin 15): Power Good Status Output Three Enable.
This is a TTL compatible input that is used to control the
PWRGD3 output. When EN3 is driven low, PWRGD3 will
go high. When EN3 is driven high, PWRGD3 will go low
provided PWRGD2 has been active for for more than one
power good sequence delay (tSQT). EN3 can be used to
control the power good sequence. This pin is internally
pulled low by a 120
µA current source.
PWRGD3 (Pin 16): Power Good Status Output Three.
Power good sequence starts with PWRGD1 latching active
low. PWRGD3 will latch active low after EN3 goes high and
after one power good sequence delay tSQT provided by the
sequencing timer from the time PWRGD2 goes low,
whichever comes later. PWRGD3 is reset by PWRGD1
going high or EN3 going low. This pin is internally pulled
high by a 50
µA current source.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com