Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4253
8
4253f
TYPICAL PERFOR A CE CHARACTERISTICS
VDRNCL vs Temperature
∆ITMRACC/∆IDRN vs Temperature
VDRNL vs Temperature
ITMR vs IDRN
ITMR (Circuit Breaker, IDRN =
50
µA, Sourcing) vs Temperature
ITMR (Circuit Breaker, Sinking) vs
Temperature
SQTIMER Threshold vs
Temperature
ISQTMR (Power Good Sequence,
Sourcing) vs Temperature
ISQTMR (Power Good Sequence,
Sinking) vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G34
10
9
8
7
6
5
4
3
2
1
0
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G35
700
675
650
625
600
575
550
IIN = 2mA
IDRN = 50µA
IDRN (mA)
0.001
0.01
0.1
110
4253 G36
10
1
0.1
IIN = 2mA
TA = 25°C
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G37
9.0
8.8
8.6
8.4
8.2
8.0
7.8
7.6
7.4
7.2
7.0
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G38
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
VSQTMRH
VSQTMRL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G39
6.0
5.8
5.6
5.4
5.2
5.0
4.8
4.6
4.4
4.2
4.0
IIN = 2mA
VSQTMR = 2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G40
50
45
40
35
30
25
20
15
10
5
0
IIN = 2mA
VSQTMR = 2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G41
2.60
2.55
2.50
2.45
2.40
2.35
2.30
2.25
2.20
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G42
8.0
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
IIN = 2mA
IDRN = 50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com