Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 2Page - Linear Technology LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4253
6
4253f
TYPICAL PERFOR A CE CHARACTERISTICS
IGATE (Source) vs Temperature
IGATE (ACL, Sink) vs Temperature
IGATE (FCL, Sink) vs Temperature
VGATE vs Temperature
VGATEL vs Temperature
RSS vs Temperature
ISS (Sinking) vs Temperature
VOS vs Temperature
(VACL + VOS) / VSS vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G16
50
45
40
35
30
25
20
15
10
5
0
UV/OV = 0V
VSENSE = VEE
VSS = 2V
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G17
120
115
110
105
100
95
90
85
80
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G18
11.0
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G19
0.060
0.058
0.056
0.054
0.052
0.050
0.048
0.046
0.044
0.042
0.040
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G20
60
58
56
54
52
50
48
46
44
42
40
UV/OV = 4V
TIMER = 0V
VSENSE = VEE
VGATE = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G21
30
25
20
15
10
5
0
UV/OV = 4V
TIMER = 0V
VSENSE – VEE = 0.15V
VGATE = 3V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G22
400
350
300
250
200
150
100
50
0
UV/OV = 4V
TIMER = 0V
VSENSE – VEE = 0.3V
VGATE = 1V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G23
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
UV/OV = 4V
TIMER = 0V
VSENSE = VEE
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G24
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
UV/OV = 4V
TIMER = 0V
GATE THRESHOLD
BEFORE RAMP UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com