Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC4253IGN Datasheet HTML 1Page - Linear Technology LTC4253IGN Datasheet HTML 2Page - Linear Technology LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4253
4
4253f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to VEE unless otherwise
specified.
tSQ
SQTIMER Default Ramp Period
SQTIMER Pin Floating,
250
µs
VSQTMR Ramps from 0.5V to 3.5V
tSS
SS Default Ramp Period
SS Pin Floating, VSS Ramps from 0.2V to 2V
250
µs
tPLLUG
UV Low to GATE Low
0.4
µs
tPHLOG
OV High to GATE Low
0.4
µs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TYPICAL PERFOR A CE CHARACTERISTICS
IIN vs Temperature
IIN vs VIN
rZ vs Temperature
VZ vs Temperature
Undervoltage Lockout VLKO vs
Temperature
Undervoltage Lockout Hysterisis
VLKH vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G01
10
9
8
7
6
5
4
3
2
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G02
14.5
14.0
13.5
13.0
12.5
12.0
IIN = 2mA
VIN (V)
0
5
10
15
20
4253 G03
1000
100
10
1
0.1
TA = 85°C
TA = 125°C
TA = –40°C
TA = 25°C
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G04
1000
950
900
850
800
750
700
650
600
550
500
VIN = VZ – 0.3V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G05
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G06
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com