Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC4253IGN Datasheet HTML 1Page - Linear Technology LTC4253IGN Datasheet HTML 2Page - Linear Technology LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC4253
3
4253f
IGATE
GATE Pin Output Current
UV = OV = 4V, VSENSE = VEE,
q
30
50
70
µA
VGATE = 0V (Sourcing)
UV = OV = 4V, VSENSE – VEE = 0.15V,
17
mA
VGATE = 3V (Sinking)
UV = OV = 4V, VSENSE – VEE = 0.3V,
190
mA
VGATE = 1V (Sinking)
VGATE
External MOSFET Gate Drive
VGATE – VEE, IIN = 2mA
q
10
12
VZ
V
VGATEL
Gate Low Threshold
(Before Gate Ramp Up)
0.5
V
VGATEH
Gate High Threshold
VGATEH = VIN – VGATE,
2.8
V
For PWRGD1, PWRGD2, PWRGD3 Status
VUVHI
UV Pin Threshold HIGH
q
3.075
3.225
3.375
V
VUVLO
UV Pin Threshold LOW
q
2.775
2.925
3.075
V
VUVHST
UV Pin Hysteresis
0.3
V
VOVHI
OV Pin Threshold HIGH
q
5.85
6.15
6.45
V
VOVLO
OV Pin Threshold LOW
q
5.55
5.85
6.15
V
VOVHST
OV Pin Hysteresis
0.3
V
ISENSE
SENSE Pin Input Current
UV = 0V = 4V, VSENSE = 50mV
q
–30
–15
µA
IINP
UV,OV Pin Input Current
UV = OV = 4V
q
±0.1
±10
µA
VTMRH
TIMER Pin Voltage High Threshold
4V
VTMRL
TIMER Pin Voltage Low Threshold
1V
ITMR
TIMER Pin Current
Timer On (Initial Cycle/Latchoff, Sourcing), VTMR = 2V
5
µA
Timer Off (Initial Cycle, Sinking), VTMR = 2V
28
mA
Timer On (Circuit Breaker, Sourcing,
200
µA
IDRN = 0µA), VTMR = 2V
Timer On (Circuit Breaker, Sourcing,
600
µA
IDRN = 50µA), VTMR = 2V
Timer Off (Circuit Breaker, Sinking), VTMR = 2V
5
µA
ITMRACC
(ITMR at IDRN = 50µA – ITMR at IDRN = 0µA)
Timer On (Circuit Breaker with IDRN = 50µA)
8
µA/µA
IDRN
50
µA
VSQTMRH
SQTIMER Pin Voltage High Threshold
4
V
VSQTMRL
SQTIMER Pin Voltage Low Threshold
0.33
V
ISQTMR
SQTIMER Pin Current
SQTIMER On (Power Good Sequence, Sourcing),
5
µA
VSQTMR = 2V
SQTIMER On (Power Good Sequence, Sinking),
28
µA
VSQTMR = 2V
VDRNL
DRAIN Pin Voltage Low Threshold
For PWRGD1, PWRGD2, PWRGD3 Status
2.385
V
IDRNL
DRAIN Leakage Current
VDRAIN = 5V
±0.1
±1
µA
VDRNCL
DRAIN Pin Clamp Voltage
IDRN = 50µA7
V
VPGL
PWRGD1, PWRGD2, PWRGD3
IPG = 1.6mA
q
0.25
0.4
V
Output Low Voltage
IPG = 5mA
q
1.2
V
IPGH
PWRGD1, PWRGD2, PWRGD3
VPG = 0V
q
30
50
70
µA
Output High Current
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com