Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC4253
18
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
POWER GOOD SEQUENCING
After the initial TIMER cycle, GATE ramps up to turn on the
external MOSFET which in turn pulls DRAIN low. When
GATE is within 2.8V of VIN and DRAIN is lower than VDRNL,
the power good sequence starts with PWRGD1 pulling
active low. This starts off a 5
µA pull-up on the SQTIMER
pin which ramps up until it reaches the 4V threshold then
pulls low. When the SQTIMER pin floats, this delay tSQT is
about 300
µs. Connecting an external capacitor CSQ from
SQTIMER to VEE modifies the delay to:
t
VC
A
SQT
SQ
=
µ
4
5
•
(5)
PWRGD2 asserts when EN2 goes high and PWRGD1 has
asserted for more than one tSQT. When PWRGD2 success-
fully pulls low, SQTIMER ramps up on another delay cycle.
PWRGD3 asserts when EN2 and EN3 go high and PWRGD2
has asserted for more than one tSQT.
All three PWRGD signals are reset in UVLO, in UV condi-
tion, if RESET is high or when CT charges up to 4V. In
addition, PWRGD2 is reset by EN2 going low. PWRGD3 is
reset by EN2 or EN3 going low. An overvoltage condition
has no effect on the PWRGD flags. A 50
µA current pulls
each PWRGD pin high when reset. As power modules
signal common are different from PWRGD, optoisolation
is recommended. These three pins can sink an optodiode
current.
SOFT-START
Soft-start is effective in limiting the inrush current during
GATE start-up. Unduly long soft-start intervals can exceed
the MOSFET’s SOA duration if powering-up into an active
load. When the SS pin floats, an internal current source
ramps SS from 0V to 2.2V in about 300
µs. Connecting an
external capacitor, CSS, from SS to ground modifies the
ramp to approximate an RC response of:
Vt
V
e
SS
SS
t
RC
SS
SS
()
–
≈−
1
(6)
An internal resistor divider (95k/5k) scales VSS(t) down by
20 times to give the analog current limit threshold:
Vt
Vt
V
ACL
SS
OS
()
()
•
=
20
(7)
This allows the inrush current to be limited to VACL(t)/RS.
The offset voltage, VOS (10mV) ensures CSS is sufficiently
discharged and the ACL amplifier is in current limit mode
before GATE start-up. SS is discharged low during UVLO
at VIN , UV, OV, during the initial timing cycle, a latched
circuit breaker fault or the RESET pin going high.
GATE
GATE is pulled low to VEE under any of the following
conditions: in UVLO, when RESET pulls high, in an
undervoltage condition, in an overvoltage condition, dur-
ing the initial timing cycle or a latched circuit breaker fault.
When GATE turns on, a 50
µA current source charges the
MOSFET gate and any associated external capacitance.
VIN limits the gate drive to no more than 14.5V.
Gate-drain capacitance (CGD) feedthrough at the first
abrupt application of power can cause a gate-source
voltage sufficient to turn on the MOSFET. A unique circuit
pulls GATE low with practically no usable voltage at VIN,
and eliminates current spikes at insertion. A large external
gate-source capacitor is thus unnecessary for the purpose
of compensating CGD. Instead, a smaller value (≥10nF)
capacitor CC is adequate. CC also provides compensation
for the analog current limit loop.
GATE has two comparators: the GATE low comparator
looks for < 0.5V threshold prior to initial timing; the GATE
high comparator looks for < 2.8V relative to VIN and,
together with DRAIN low comparator, sets PWRGD1
output during GATE startup.
SENSE
The SENSE pin is monitored by the circuit breaker (CB)
comparator, the analog current limit (ACL) amplifier, and
the fast current limit (FCL) comparator. Each of these three
measures the potential of SENSE relative to VEE. When
SENSE exceeds 50mV, the CB comparator activates the
200
µA TIMER pull-up. At 100mV the ACL amplifier servos
the MOSFET current, and at 200mV the FCL comparator
abruptly pulls GATE low in an attempt to bring the MOSFET
current under control. If any of these conditions persists



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com