Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC4253
19
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
long enough for TIMER to charge CT to 4V (see Equa-
tion 3), the LTC4253 shuts down and pulls GATE low.
If the SENSE pin encounters a voltage greater than 100mV,
the ACL amplifier will servo GATE downwards in an
attempt to control the MOSFET current. Since GATE over-
drives the MOSFET in normal operation, the ACL amplifier
needs time to discharge GATE to the threshold of the
MOSFET. For a mild overload the ACL amplifier can control
the MOSFET current, but in the event of a severe overload
the current may overshoot. At SENSE = 200mV the FCL
comparator takes over, quickly discharging the GATE pin
to near VEE potential. FCL then releases, and the ACL
amplifier takes over. All the while TIMER is running. The
effect of FCL is to add a nonlinear response to the control
loop in favor of reducing MOSFET current.
Owing to inductive effects in the system, FCL typically
overcorrects the current limit loop, and GATE under-
shoots. A zero in the loop (resistor RC in series with the
gate capacitor) helps the ACL amplifier to recover.
SHORT-CIRCUIT OPERATION
Circuit behavior arising from a load side low impedance
short is shown in Figure 5. Initially the current overshoots
the analog current limit level of VSENSE = 200mV (trace 2)
as the GATE pin works to bring VGS under control (trace 3).
The overshoot glitches the backplane in the negative
direction and when the current is reduced to 100mV/RS,
the backplane responds by glitching in the positive direc-
tion.
TIMER commences charging CT (trace 4) while the analog
current limit loop maintains the fault current at 100mV/RS,
which in this case is 5A (trace 2). Note that the backplane
voltage (trace 1) sags under load. Timer pull-up is accel-
erated by VOUT. When CT reaches 4V, GATE turns off, the
PWRGD signal pulls high, the load current drops to zero
and the backplane rings up to over 100V. The positive peak
is usually limited by avalanche breakdown in the MOSFET,
and can be further limited by adding a zener diode (such
as Diodes Inc. SMAT70A) across the input from – 48V to
– 48RTN.
A low impedance short on one card may influence the
behavior of others sharing the same backplane. The initial
glitch and backplane sag as seen in Figure 5 trace 1, can
rob charge from output capacitors on the adjacent card.
When the faulty card shuts down, current flows in to
refresh the capacitors. If LTC4253s are used by the other
cards, they respond by limiting the inrush current to a
value of 100mV/RS. If CT is sized correctly, the capacitors
will recharge long before CT times out.
MOSFET SELECTION
The external MOSFET switch must have adequate safe
operating area (SOA) to handle short-circuit conditions
until TIMER times out. These considerations take prece-
dence over DC current ratings. A MOSFET with adequate
SOA for a given application can always handle the required
current but the opposite may not be true. Consult the
manufacturer’s MOSFET datasheet for safe operating area
and effective transient thermal impedance curves.
MOSFET selection is a 3-step process by assuming the
absense of soft-start capacitor. First, RS is calculated and
then the time required to charge the load capacitance is
determined. This timing, along with the maximum short-
circuit current and maximum input voltage, defines an
operating point that is checked against the MOSFET’s SOA
curve.
To begin a design, first specify the required load current
and Ioad capacitance, IL and CL. The circuit breaker
current trip point (VCB/RS) should be set to accommodate
the maximum load current. Note that maximum input
current to a DC/DC converter is expected at VSUPPLY(MIN).
RS is given by:
GATE
0.5ms
10V
SENSE
0.5ms
200mV
–48RTN
0.5ms
50V
TIMER
0.5ms
5V
4253 F05
SUPPLY RING OWING
TO CURRENT OVERSHOOT
SUPPLY RING OWING
TO MOSFET TURN-OFF
ONSET OF OUTPUT
SHORT-CIRCUIT
FAST CURRENT
LIMIT
CTIMER RAMP
LATCH OFF
TRACE 1
TRACE 2
TRACE 3
TRACE 4
ANALOG
CURRENT LIMIT
Figure 5. Output Short-Circuit Behavior of LTC4253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com