Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology LTC4253IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4253
22
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
time point 1, the supply ramps up, together with UV/OV,
VOUT and DRAIN. VIN and the PWRGD signals follow at a
slower rate as set by the VIN bypass capacitor. At time
point 2, VIN exceeds VLKO and the internal logic checks for
UV > VUVHI, OV < VOVLO, RESET < 0.8V, GATE < VGATEL,
SENSE < VCB, SS < 20 • VOS, and TIMER < VTMRL. When
all conditions are met, initial timing starts and the TIMER
capacitor is charged by a 5
µA current source pull-up. At
time point 3, TIMER reaches the VTMRH threshold and the
initial timing cycle terminates. The TIMER capacitor is
quickly discharged. At time point 4, the VTMRL threshold is
reached and the conditions of GATE < VGATEL,SENSE < VCB
and SS < 20 • VOS must be satisfied before the GATE start-
up cycle begins. SS ramps up as dictated by RSS • CSS (as
in Equation 6); GATE is held low by the analog current limit
(ACL) amplifier until SS crosses 20 • VOS. Upon releasing
4253 F08
GATE
START-UP
INITIAL TIMING
VLKO
VGATEL
GND – VEE OR
(–48RTN) – (–48V)
UV/OV
VIN
TIMER
GATE
SENSE
VOUT
12
3 4 56
7
89
SS
DRAIN
PWRGD1
AB
PWRGD2
PWRGD3
SQTIMER
EN2
EN3
CD
VIN CLEARS VLKO, CHECK UV > VUVHI, OV < VOVLO, RESET < 0.8V, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
VSQTMRH
5
µA
5
µA
VSQTMRH
VIH
VIH
VTMRH
VACL
VCB
VTMRL
20 • (VACL + VOS)
20 • (VCB + VOS)
20 • VOS
5
µA
50
µA
5
µA
5
µA
50
µA
50
µA
VDRNCL
VDRNL
VIN – VGATEH
200
µA + 8 • IDRN
Figure 8. System Power-Up Timing (All Waveforms are Referenced to VEE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com