Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC4253
15
4253f
OPERATIO
and DRAIN allows the fault timing cycle to be shortened by
accelerating the charging of the TIMER capacitor. The
TIMER pull-up current is increased by 8 • IDRN. Note that
because SENSE > 50mV, TIMER charges CT during this
time, and the LTC4253 will eventually shut down.
Low impedance failures on the load side of the LTC4253
coupled with 48V or more driving potential can produce
current slew rates well in excess of 50A/
µs. Under these
conditions, overshoot is inevitable. A fast SENSE com-
parator with a threshold of 200mV detects overshoot and
pulls GATE low much harder and hence much faster than
the weaker current limit loop. The 100mV/RS current limit
loop then takes over, and servos the current as previously
described. As before, TIMER runs and shuts down LTC4253
when CT reaches 4V.
If CT reaches 4V, the LTC4253 latches off with a 5µA pull-
up current source. The LTC4253 circuit breaker latch is
reset by either pulling the RESET pin active high until
TIMER goes low, pulling UV momentarily low, dropping
the input voltage VIN below the internal UVLO threshold of
8.2V or pulsing TIMER momentarily low with a switch.
Although short-circuits are the most obvious fault type,
several operating conditions may invoke overcurrent pro-
tection. Noise spikes from the backplane or load, input
steps caused by the connection of a second, higher
voltage supply, transient currents caused by faults on
adjacent circuit boards sharing the same power bus or the
insertion of non-hot swappable products could cause
higher than anticipated input current and temporary de-
tection of an overcurrent condition. The action of TIMER
and CT rejects these events allowing the LTC4253 to “ride
out” temporary overloads and disturbances that could trip
a simple current comparator and, in some cases, blow a
fuse.
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
SHUNT REGULATOR
A fast responding regulator shunts the LTC4253 VIN pin.
Power is derived from -48RTN by an external current
limiting resistor. The shunt regulator clamps VIN to 13V
(VZ). A 1µF decoupling capacitor at VIN filters supply
transients and contributes a short delay at start-up. RIN
should be chosen to accommodate both VIN supply cur-
rent and the drive required for three optocouplers used by
the PWRGD signals. Higher current through RIN results in
higher dissipation for RIN and the LTC4253. An alternative
is a separate NPN buffer driving the optocoupler as shown
in Figure 3. Multiple 1/4W resistors can replace a single
higher power RIN resistor.
INTERNAL UNDERVOLTAGE LOCKOUT (UVLO)
A hysteretic comparator, UVLO, monitors VIN for
undervoltage. The thresholds are defined by VLKO and its
hysteresis VLKH. When VIN rises above 9.2V (VLKO) the
chip is enabled; below 8.2V (VLKO – VLKH) it is disabled and
GATE is pulled low. The UVLO function at VIN should not
be confused with the UV and OV pins. These are com-
pletely separate functions.
UV/OV COMPARATORS
An UV hysteretic comparator detects undervoltage condi-
tions at the UV pin, with the following thresholds:
UV low-to-high (VUVHI) = 3.225V
UV high-to low (VUVLO) = 2.925V
An OV hysteretic comparator detects overvoltage condi-
tions at the OV pin, with the following thresholds:
OV low-to-high (VOVHI) = 6.150V
OV high-to-low (VOVLO) = 5.850V
The UV and OV trip point ratio is designed to match the
standard telecom operating range of 43V to 75V when
connected together as in Figure 2. A divider (R1, R2) is
used to scale the supply voltage. Using R1 = 402k and
R2 = 32.4k gives a typical operating range of 43.2V to
78.4V. The under and overvoltage shutdown thresholds
are then 39.2V and 82.5V. One percent divider resistors
are recommended to preserve threshold accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com