Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology LTC4253IGN Datasheet HTML 26Page - Linear Technology LTC4253IGN Datasheet HTML 27Page - Linear Technology LTC4253IGN Datasheet HTML 28Page - Linear Technology LTC4253IGN Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC4253
25
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
Figure 10. Undervoltage Timing (All Waveforms are Referenced to VEE)
50
µA
VSQTMRL
UV CLEARS VUVHI, CHECK OV CONDITION, RESET < 0.8V, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
UV
TIMER
GATE
SENSE
SS
DRAIN
PWRGD1
PWRGD2
PWRGD3
SQTIMER
EN2
EN3
12
3 4 56
7
8 9 A B
C
D
4253 F10
INITIAL TIMING
GATE
START-UP
20 • (VACL + VOS)
20 • (VCB + VOS)
20 • VOS
5
µA
5
µA
UV DROPS BELOW VUVLO. GATE, SS AND TIMER ARE PULLED DOWN, PWRGD RELEASES
VUVLO
VGATEL
VUVHI
VACL
VSQTMRH
VSQTMRL
VCB
5
µA
5
µA
50
µA
VSQTMRH
VDRNCL
VDRNL
VIN – VGATEH
50
µA
200
µA + 8 • IDRN
VTMRH
VTMRL
5
µA
Circuit Breaker Timing
In Figure 13a, the TIMER capacitor charges at 200
µA if the
SENSE pin exceeds VCB but VDRN is less than 6.15V. If the
SENSE pin returns below VCB before TIMER reaches the
VTMRH threshold, TIMER is discharged by 5µA. In
Figure 13b, when TIMER exceeds VTMRH, GATE pulls
down immediately and the chip shuts down. In Figure 13c,
multiple momentary faults cause the TIMER capacitor to
integrate and reach VTMRH followed by GATE pull down
and the chip shuts down. During chip shutdown, LTC4253
latches TIMER high with a 5
µA pull-up current source.
Resetting a Fault Latch
A latched circuit breaker fault of the LTC4253 has the
benefit of a long cooling time. The latched fault can be
reset by pulsing the RESET pin high until the TIMER pin is
pulled below VTMRL( 1V ) as shown in Figure 14. After the
RESET pulse, SS and GATE ramp up without an initial
timing cycle provided the interlock conditions are satis-
fied.
Alternative methods of reset include using an external
switch to pulse the UV pin below VUVLO or the VIN pin
below (VLKO – VLKH). Pulling the TIMER pin below VTMRL
and the SS pin to 0V then simultaneously releasing them
also achieves a reset. An initial timing cycle is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com