Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC4253IGN Datasheet HTML 1Page - Linear Technology LTC4253IGN Datasheet HTML 2Page - Linear Technology LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4253
1
4253f
The LTC
®4253 negative voltage Hot SwapTM controller
allows a board to be safely inserted and removed from a
live backplane. Output current is controlled by three stages
of current-limiting: a timed circuit breaker, active current
limiting and a fast feedforward path that limits peak
current under worst-case catastrophic fault conditions.
The LTC4253 latches off after a circuit fault.
Programmable undervoltage and overvoltage detectors
disconnect the load whenever the input supply exceeds
the desired operating range. The LTC4253’s supply input
is shunt-regulated, allowing safe operation with very high
supply voltages. A multifunction timer delays initial start-
up and controls the circuit breaker’s response time. The
circuit breaker’s response time can be accelerated by
sensing excessive MOSFET drain voltage, keeping the
MOSFET within safe operating area (SOA). A program-
mable soft-start circuit controls MOSFET inrush current at
start-up.
Three power good outputs are sequenced by a program-
mable timer to enable external power modules at start-up
or disable them if the circuit breaker trips. The LTC4253 is
available in 16-pin SSOP.
s
Hot Board Insertion
s
Electronic Circuit Breaker
s
– 48V Distributed Power Systems
s
Negative Power Supply Control
s
Central Office Switching
s
Programmable Current Limiting Circuit
s
High Availability Servers
s
Disk Arrays
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Allows Safe Board Insertion and Removal from a
Live – 48V Backplane
s
Floating Topology Permits Very High Voltage
Operation
s
Programmable Analog Current Limit with Breaker
Timer Ideal for Two Battery Feeds
s
Fast Response Time Limits Peak Fault Current
s
Latchoff After Fault
s
Three Sequenced Power Good Outputs
s
Programmable Soft-Start Current Limit
s
Programmable Timer with Drain Voltage
Accelerated Response
s
Programmable Undervoltage/Overvoltage Protection
– 48V Hot Swap Controller
with Sequencer
Hot Swap is a trademark of Linear Technology Corporation.
R4
5.6k
R3
5.6k
R5
5.6k
PWRGD1
VIN
VIN
VEE
LTC4253
POWER
MODULE 1
PWRGD2
PWRGD3
EN3
EN2
OV
UV
RESET
DRAIN
SS
GATE
SQTIMER
SENSE
TIMER
EN
POWER
MODULE 2
EN
POWER
MODULE 3
EN
RIN
2.8k
16k(1/4W)/6
11
3
4
12
2
516
15
1
EN3
4253 TA01
EN2
610
14
9
13
7
8
RC
10
Ω
RD 1M
RS
0.02
Ω
Q1
IRF530S
VIN
CC
18nF
CT
0.33
µF
C1 10nF
CSQ
0.1
µF
CSS 68nF
R6
POWER
MODULE 1
OUTPUT
POWER
MODULE 2
OUTPUT
VIN
R7
+
C3
0.1
µF
C2
100
µF
CIN
1
µF
R2
32.4k
1%
B3100*
R1
402k
1%
RESET
– 48V RTN
(SHORT PIN)
– 48V A
– 48V B
(LONG PINS)
– 48V RTN
(LONG PIN)
B3100*
*DIODES, INC.
†MOC207
††
†
†
†
– 48V/2.5A Hot Swap Controller
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO


Similar Part No. - LTC4253IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4253 LINER-LTC4253 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
logo
Analog Devices
LTC4253 AD-LTC4253 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
LTC4253 AD-LTC4253 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
LTC4253 AD-LTC4253 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
More results

Similar Description - LTC4253IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
Negative 48V Hot Swap Controller
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
-48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
-48V Hot Swap Controller with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
-48V Hot Swap Controller
10/26/12
logo
Linear Technology
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
Negative 48V Hot Swap Controller
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
48V Hot Swap Controllers with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com