Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 13Page - Linear Technology LTC4253IGN Datasheet HTML 14Page - Linear Technology LTC4253IGN Datasheet HTML 15Page - Linear Technology LTC4253IGN Datasheet HTML 16Page - Linear Technology LTC4253IGN Datasheet HTML 17Page - Linear Technology LTC4253IGN Datasheet HTML 18Page - Linear Technology LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC4253
17
4253f
APPLICATIO S I FOR ATIO
TIMER
The operation of the TIMER pin is somewhat complex as
it handles several key functions. A capacitor CT is used at
TIMER to provide timing for the LTC4253. Four different
charging and discharging modes are available at TIMER:
1. 5
µA slow charge; initial timing and shutdown cooling
delay.
2. (200
µA + 8 • IDRN) fast charge; circuit breaker delay.
3. 5
µA slow discharge; circuit breaker “cool-off” and
shutdown cooling.
4. Low impedance switch; resets the TIMER capacitor
after an initial timing delay, in UVLO, in UV and in OV
during initial timing and when RESET is high.
For initial timing delay, the 5
µA pull-up is used. The low
impedance switch is turned off and the 5
µA current source
is enabled when the interlock conditions are met. CT
charges to 4V in a time period given by:
t
VC
A
T
=
µ
4
5
•
(2)
When CT reaches VTMRH ( 4V), the low impedance switch
turns on and discharges CT. A GATE start-up cycle begins
and both SS and GATE outputs are released.
CIRCUIT BREAKER TIMER OPERATION
If the SENSE pin detects more than 50mV drop across RS,
the TIMER pin charges CT with (200µA + 8 • IDRN). If CT
charges to 4V, the GATE pin pulls low and the LTC4253
latches off. The LTC4253 remains latched off until the
RESET pin is momentarily pulsed high, the UV pin is
momentarily pulsed low, the TIMER pin is momentarily
discharged low by an external switch or VIN dips below
UVLO and is then restored. The circuit breaker timeout
period is given by:
t
VC
AI
T
DRN
=
µ+
4
200
8
•
•
(3)
(Refer to Block Diagram)
If VOUT < 6.15V, an internal PMOS isolates DRAIN pin
leakage current and this makes IDRN = 0 in Equation (3). If
VOUT is above 7V (VDRNCL) during the circuit breaker fault
period, the charging of CT is accelerated by 8 • IDRN of
Equation (1).
Intermittent overloads may exceed the 50mV threshold at
SENSE but, if their duration is sufficiently short, TIMER
will not reach 4V and the LTC4253 will not shut the external
MOSFET off. To handle this situation, the TIMER dis-
charges CT slowly with a 5µA pull-down whenever the
SENSE voltage is less than 50mV. Therefore any intermit-
tent overload with VOUT < 6.15V and an aggregate duty
cycle of 2.5% or more will eventually trip the circuit
breaker and shut down the LTC4253. Figure 4 shows the
circuit breaker response time in seconds normalized to
1
µF. The asymmetric charging and discharging of CT is a
fair gauge of MOSFET heating.
The normalized circuit response time is estimated by:
t
CF
ID
T
DRN
()
••
µ
=
+
() −
[]
4
200 8
5
(4)
FAULT DUTY CYCLE, D (%)
20
40
60
80
0
10
1
0.1
0.01
100
4253 F04
t
CT(µF)
4
(200 + 8 • IDRN) • D – 5
=
Figure 4. Circuit Breaker Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com