Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology LTC4253IGN Datasheet HTML 26Page - Linear Technology LTC4253IGN Datasheet HTML 27Page - Linear Technology LTC4253IGN Datasheet HTML 28Page - Linear Technology LTC4253IGN Datasheet HTML 29Page - Linear Technology LTC4253IGN Datasheet HTML 30Page - Linear Technology LTC4253IGN Datasheet HTML 31Page - Linear Technology LTC4253IGN Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC4253
29
4253f
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
Large values of CSS can cause premature circuit breaker
time-out as VACL(t) may marginally exceed the VCB poten-
tial during the circuit breaker delay. The load capacitor is
unable to achieve full charge in one GATE start-up cycle.
A more serious side effect of a large CSS value is that SOA
duration may be exceeded during soft-start into a low
impedance load. A soft-start voltage below VCB will not
activate the circuit breaker TIMER.
Power Limit Circuit Breaker
Figure 17 shows the LTC4253 in a power limit circuit
breaking application. The SENSE pin is modulated by
board voltage VSUPPLY. The zener voltage, VZ of D1, is set
to be the same as the lowest operating voltage,
VSUPPLY(MIN) = 36V. If the goal is to have the high supply
operating voltage, VSUPPLY(MAX) = 72V give the same
power as available at VSUPPLY(MIN), then resistors R3 and
R7 are selected by:
R
R
V
V
CB
SUPPLY MAX
7
3
=
()
(16)
If R7 is 22
Ω, then R3 is 31.6k. The peak circuit breaker
power limit is:
12
12
3 4
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD1
TIMER
GATE
SENSE
VOUT
DRAIN
PWRGD1
4253 F15
CB TIMES-OUT
VTMRH
VACL
VCB
VACL
VFCL
VCB
5
µA
200
µA + 8 • IDRN
200
µA + 8 • IDRN
VDRNCL
VTMRH
Figure 15. Current Limit Behavior (All Waveforms are Referenced to VEE)
(15a) Analog Current Limit Fault
(15b) Fast Current Limit Fault
POWER MAX
VV
VV
POWER AT V
POWER AT V
SUPPLY MIN
SUPPLY MIN
SUPPLY MIN
SUPPLY MAX
SUPPLY MIN
SUPPLY MIN
()
••
•
.•
()
()
()
(
)
()
()
=
+
()
=
2
4
1 125
(17)
when VSUPPLY = 0.5 • (VSUPPLY(MIN) + VSUPPLY(MAX))
= 54V
The peak power at the fault current limit occurs at the
supply overvoltage threshold. The fault current limited
power is:
POWER FAULT
V
R
VV
V
R
R
SUPPLY
S
ACL
SUPPLY
Z
()
•(
)•
=
()
−−


7
3
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com