Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology LTC4253IGN Datasheet HTML 10Page - Linear Technology LTC4253IGN Datasheet HTML 11Page - Linear Technology LTC4253IGN Datasheet HTML 12Page - Linear Technology LTC4253IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC4253
9
4253f
TYPICAL PERFOR A CE CHARACTERISTICS
tSS vs Temperature
tSQ vs Temperature
tPLLUG and tPHLOG vs Temperature
VPGL vs Temperature
IPGH vs Temperature
IDRN vs VDRAIN
VDRAIN (V)
0
2
4
6
8
10
12
14
16
4253 G43
100
10
1
0.1
0.01
0.001
0.0001
0.00001
IIN = 2mA
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G44
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
IPG = 10mA
IPG = 5mA
IPG = 1.6mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G45
60
58
56
54
52
50
48
46
44
42
40
IIN = 2mA
VPWRGD = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G46
300
290
280
270
260
250
240
230
220
210
200
IIN = 2mA
SS PIN FLOATING
VSS RAMPS FROM 0.2V TO 2V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G47
500
450
400
350
300
250
200
150
100
50
0
IIN = 2mA
VSQTMR RAMPS FROM 0.5V TO 3.5V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G48
0.6
0.5
0.4
0.3
0.2
0.1
0
IIN = 2mA
tPLLUG
tPLLOG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com