Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology LTC4253IGN Datasheet HTML 26Page - Linear Technology LTC4253IGN Datasheet HTML 27Page - Linear Technology LTC4253IGN Datasheet HTML 28Page - Linear Technology LTC4253IGN Datasheet HTML 29Page - Linear Technology LTC4253IGN Datasheet HTML 30Page - Linear Technology LTC4253IGN Datasheet HTML 31Page - Linear Technology LTC4253IGN Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4253
32
4253f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0502 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1640AH/LT1640AL
Negative High Voltage Hot Swap Controller in SO-8
Negative High Voltage Supplies from -10V to -80V
LT1641/LT1641-1
Positive High Voltage Hot Swap Controller in SO-8
Supplies from 9V to 80V, Autoretry/Latched Off
LTC1642
Fault Protected Hot Swap Controller
3V to 16.5V, Overvoltage Protection up to 33V
LT4250
– 48V Hot Swap Controller
Active Current Limiting, Supplies from – 20V to – 80V
LTC4251/LTC4251-1
– 48V Hot Swap Controller in SOT-23
Fast Active Current Limiting, Supplies from – 15V
LTC4252-1/LTC4252-2
– 48V Hot Swap Controller in MS8/MS10
Fast Active Current Limiting, Supplies from – 15V,
Drain Accelerated Response
TYPICAL APPLICATIO
R4
5.6k
R3
5.6k
R5
5.6k
PWRGD1
VIN
VIN
VEE
LTC4253
POWER
MODULE 1
PWRGD2
PWRGD3
EN3
EN2
OV
UV
RESET
DRAIN
SS
GATE
SQTIMER
SENSE
TIMER
EN
POWER
MODULE 2
EN
POWER
MODULE 3
EN
RIN
2.8k
16k(1/4W)/6
PUSH
RESET
11
3
4
12
2
516
15
1
EN3
4253 F18
EN2
610
14
9
13
7
RC
10
Ω
RD 1M
RS
0.01
Ω
R9
22
Ω
Q1
IRF540S
VIN
CC
22nF
CT
150nF
C1 10nF
CSQ
0.1
µF
CSS 27nF
R6
POWER
MODULE 1
OUTPUT
POWER
MODULE 2
OUTPUT
VIN
R7
+
C3
0.1
µF
C2
100
µF
CIN
1
µF
R2
32.4k
1%
R1
402k
1%
RESET
–48V
GND
SHORT
PIN
GND
R8
47k
1%
†MOC207
†
†
††
†
Figure 18. – 48V/5A Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com