Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4253IGN Datasheet HTML 19Page - Linear Technology LTC4253IGN Datasheet HTML 20Page - Linear Technology LTC4253IGN Datasheet HTML 21Page - Linear Technology LTC4253IGN Datasheet HTML 22Page - Linear Technology LTC4253IGN Datasheet HTML 23Page - Linear Technology LTC4253IGN Datasheet HTML 24Page - Linear Technology LTC4253IGN Datasheet HTML 25Page - Linear Technology LTC4253IGN Datasheet HTML 26Page - Linear Technology LTC4253IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC4253
23
4253f
ing starts and the TIMER capacitor is charged by a 5
µA
current source pull-up. At time point 3, TIMER reaches the
VTMRH threshold and the initial timing cycle terminates.
The TIMER capacitor is quickly discharged. At time point 4,
the VTMRL threshold is reached and the conditions of
GATE < VGATEL, SENSE < VCB and SS < 20 • VOS must be
satisfied before the GATE start-up cycle begins. SS ramps
up as dictated by RSS • CSS; GATE is held low by the analog
current limit amplifier until SS crosses 20 • VOS. Upon
releasing GATE, 50
µA sources into the external MOSFET
gate and compensation network. When the GATE voltage
reaches the MOSFET’s threshold, current begins flowing
into the load capacitor at time point 5. At time point 6, load
current reaches SS control level and the analog current
limit loop activates. Between time points 6 and 8, the GATE
voltage is servoed and the SENSE voltage is regulated at
VACL(t) and soft-start limits the slew rate of the load
current. If the SENSE voltage (VSENSE – VEE) reaches the
VCB threshold at time point 7, the circuit breaker TIMER
activates. The TIMER capacitor, CT is charged by a
(200
µA + 8 • IDRN) current pull-up. As the load capacitor
nears full charge, load current begins to decline. At point 8,
the load current falls and the SENSE voltage drops below
VACL(t). The analog current limit loop shuts off and the
GATE pin ramps further. At time point 9, the SENSE
voltage drops below VCB and the fault TIMER ends, fol-
lowed by a 5
µA discharge current source (cool-off). When
GATE ramps past VGATEH threshold at time point A,
PWRGD1 pulls low, starting off the PWRGD sequence.
PWRGD2 pulls low at time point C when EN2 is high and
PWRGD1 is low for more than one tSQT. PWRGD3 pulls
low at time point D when EN2 and EN3 is high and
PWRGD2 is low for more than one tSQT. At time point B,
GATE reaches its maximum voltage as determined by VIN.
Undervoltage Timing
In Figure 10 when the UV pin drops below VUVLO (time
point 1), the LTC4253 shuts down with TIMER, SS and
GATE pulled low. If current has been flowing, the SENSE
pin voltage decreases to zero as GATE collapses. When UV
recovers and clears VUVHI (time point 2), an initial time
cycle begins followed by a start-up cycle.
APPLICATIO S I FOR ATIO
(Refer to Block Diagram)
GATE, 50
µA sources into the external MOSFET gate and
compensation network. When the GATE voltage reaches
the MOSFET’s threshold, current flows into the load ca-
pacitor at time point 5. At time point 6, load current
reaches SS control level and the analog current limit loop
activates. Between time points 6 and 8, the GATE voltage
is servoed, the SENSE voltage is regulated at VACL(t)
(equation 7) and soft-start limits the slew rate of the load
current. If the SENSE voltage (VSENSE – VEE) reaches the
VCB threshold at time point 7, circuit breaker TIMER
activates. The TIMER capacitor, CT is charged by a
(200
µA + 8 • IDRN) current pull-up. As the load capacitor
nears full charge, load current begins to decline. At time
point 8, the load current falls and the SENSE voltage drops
below VACL(t). The analog current limit loop shuts off and
the GATE pin ramps further. At time point 9, the SENSE
voltage drops below VCB, the fault TIMER ends, followed
by a 5
µA discharge cycle (cool-off). The duration between
time points 7 and 9 must be shorter than one circuit
breaker delay to avoid fault time-out during GATE ramp-
up. When GATE ramps past the VGATEH threshold at time
point A, PWRGD1 pulls low. At time point B, GATE reaches
its maximum voltage as determined by VIN. At time point
A, SQTIMER starts its ramp-up to 4V. Having satisfied the
requirement that PWRGD1 is low for more than one tSQT,
PWRGD2 pulls low after EN2 pulls high above the VIH
threshold at time point C. This sets off the second SQTIMER
ramp-up. Having satisfied the requirement that PWRGD2
is low for more than one tSQT, PWRGD3 pulls low after EN3
pulls high at time point D.
Live Insertion with Short Pin Control of UV/OV
In the example shown in Figure 9, power is delivered
through long connector pins whereas the UV/OV divider
makes contact through a short pin. This ensures the power
connections are firmly established before the LTC4253 is
activated. At time point 1, the power pins make contact and
VIN ramps through VLKO. At time point 2, the UV/OV divider
makes contact and its voltage exceeds VUVHI. In addition,
the internal logic checks for OV < VOVHI, RESET < 0.8V,
GATE < VGATEL, SENSE < VCB, SS < 20 • VOS and
TIMER < VTMRL. When all conditions are met, initial tim-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com