Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4253IGN
Description  -48V Hot Swap Controller with Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC4253IGN Datasheet HTML 1Page - Linear Technology LTC4253IGN Datasheet HTML 2Page - Linear Technology LTC4253IGN Datasheet HTML 3Page - Linear Technology LTC4253IGN Datasheet HTML 4Page - Linear Technology LTC4253IGN Datasheet HTML 5Page - Linear Technology LTC4253IGN Datasheet HTML 6Page - Linear Technology LTC4253IGN Datasheet HTML 7Page - Linear Technology LTC4253IGN Datasheet HTML 8Page - Linear Technology LTC4253IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4253
5
4253f
TYPICAL PERFOR A CE CHARACTERISTICS
Circuit Breaker Current Limit
Voltage VCB vs Temperature
Analog Current Limit Voltage VACL
vs Temperature
Fast Current Limit Voltage VFCL vs
Temperature
VSS vs Temperature
VHYST vs Temperature
VIH vs Temperature
VIL vs Temperature
IEN (VEN = 4V) vs Temperature
IEN vs VEN
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G07
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G08
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
IIN = 2mA
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G09
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IIN = 2mA
VEN (V)
02
4
6
8
10
12
14
16
4253 G10
180
160
140
120
100
80
60
40
20
0
IIN = 2mA
TA = 25°C
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G11
150
145
140
135
130
125
120
115
110
105
100
IIN = 2mA
VEN = 4V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G12
55
54
53
52
51
50
49
48
47
46
45
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G13
150
140
130
120
110
100
90
80
70
60
50
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G14
300
280
260
240
220
200
180
160
140
120
100
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G15
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com