Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 133 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 122
MC68HC705V8 Specification Rev. 2.1
15.5.3.1
Logic "0"
A logic zero is defined as either an active to passive transition followed by a passive period
64
µs in length, or a passive to active transition followed by an active period 128 µs in length
(Figure 15-11(a)).
15.5.3.2
Logic "1"
A logic one is defined as either an active to passive transition followed by a passive period
128
µs in length, or a passive to active transition followed by an active period 64 µs in length
(Figure 15-11(b)).
15.5.3.3
SOF - Start of Frame Symbol
The SOF symbol is defined as a passive to active transition followed by an active period
200
µs in length (Figure 15-11(c)). This allows the data bytes that follow the SOF symbol
to begin with a passive bit, regardless of whether it is a logic one or a logic zero.
15.5.3.4
EOD - End of Data Symbol
The EOD symbol is defined as an active to passive transition followed by a passive period
200
µs in length (Figure 15-11(d)).
15.5.3.5
EOF - End of Frame Symbol
The EOF symbol is defined as an active to passive transition followed by a passive period
of at least 280
µs in length (Figure 15-11(e)). If there is no IFR byte transmitted after an
EOD symbol is transmitted, after another 80
µs the EOD becomes an EOF, indicating the
completion of the message.
15.5.3.6
IFS - Inter-Frame Separation Symbol
The IFS symbol is defined as a passive period 300
µs in length. The IFS symbol contains
no transition, since when used it always follows an EOF symbol.
15.5.3.7
BREAK - Break Signal
The BREAK signal is defined as a passive to active transition followed by an active period
of at least 280
µs (Figure 15-11(f)).
15.5.4
J1850 VPW VALID/INVALID BITS & SYMBOLS
The timing tolerances for receiving data bits and symbols from the J1850 bus have been
defined to allow for variations in oscillator frequencies. In many cases the maximum time
allowed to define a data bit or symbol is equal to the minimum time allowed to define
another data bit or symbol.
Since the minimum resolution of the MDLC for determining what symbol is being received
is equal to a single period of the MUX Interface clock (t
MDLC), an apparent separation in
these maximum time/minimum time concurrences equal to one cycle of t
MDLC occurs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com