Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 137 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 126
MC68HC705V8 Specification Rev. 2.1
15.5.4.10
Valid SOF Symbol
If the active to passive transition beginning the next data bit or symbol occurs between
c
and
d, the current symbol would be considered a valid SOF symbol. See Figure 15-14(4).
15.5.4.11
Valid BREAK Symbol
If the next active to passive transition does not occur until after
d, the current symbol will
be considered a valid BREAK symbol. Following the BREAK symbol, an IFS period must
be observed, after which normal communication can resume on the J1805 bus. See Figure
15-14(5).
15.5.5
MESSAGE ARBITRATION
Message arbitration on the J1850 bus is accomplished in a non-destructive manner,
allowing the message with the highest priority to be transmitted, while any transmitters
which lose arbitration simply stop transmitting and wait for an idle bus to begin transmitting
again.
If the MDLC wishes to transmit onto the J1850 bus, but detects that another message is in
progress, it must wait until the bus is idle. However, if multiple nodes begin to transmit in
the same synchronization window, message arbitration will occur beginning with the first bit
after the SOF symbol and continue with each bit thereafter.
The VPW symbols and J1850 bus electrical characteristics are carefully chosen so that a
logic zero (active or passive type) will always dominate over a logic one (active or passive
type) simultaneously transmitted. Hence logic zeroes are said to be ’dominant’ and logic
ones are said to be ’recessive’. Whenever a node detects a dominant bit when it transmits
a recessive bit, it loses arbitration, and immediately stops transmitting. This is known as
’bitwise arbitration’.
Figure 15-15:
J1850 VPW Bitwise Arbitration
Transmitter A
Transmitter B
J1850 Bus
SOF
Data
Bit 1
Data
Bit 4
Data
Bit 5
"0"
Transmitter A detects
an active state on
the bus, and stops
transmitting
Transmitter B wins
Passive
Active
Passive
Active
Passive
Active
"0"
"0"
"1"
"1"
"1"
Data
Bit 2
"1"
"1"
"1"
Data
Bit 3
"0"
"0"
"0"
"0"
"1"
arbitration and
continues
transmitting
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com