Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 138 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 127
MC68HC705V8 Specification Rev. 2.1
During arbitration, or even throughout the message being transmitted, when an opposite
bit is detected, transmission is immediately stopped unless it occurs on the 8th bit of a byte.
In this case the MDLC will automatically append up to two extra 1 bits and then stop
transmitting. These two extra bits will be arbitrated normally and thus will not interfere with
another message. The second 1 bit will not be sent if the first loses arbitration. If the MDLC
has lost arbitration to another valid message then the two extra ones will not corrupt the
current message. However, if the MDLC has lost arbitration due to noise on the bus, then
the two extra ones will ensure that the current message will be detected and ignored as a
noise-corrupted message.
Since a "0" dominates a "1", the message with the lowest value will have the highest
priority, and will always win arbitration, i.e. a message with priority 000 will win arbitration
over a message with priority 001. This method of arbitration will work no matter how many
bits of priority encoding are contained in the message.
If the MDLC loses arbitration during the transmission of a message, it will attempt to
retransmit as soon as a valid EOF is detected on the J1850 bus. The MDLC will attempt to
retransmit the message indefinitely, as long as messages with higher priorities continue to
win arbitration.
The only way to stop transmission retry due to loss of arbitration is to abort the transmission
by setting the Tx Abort (TXAB) bit in the MDLC Control register. This will reset the internal
Tx Buffer pointer and halt transmission.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com