Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 140 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 129
MC68HC705V8 Specification Rev. 2.1
MDLC module can withstand directly, the user should ensure that their circuit design meets
the transient protection requirements of their application.
Figure 15-16 :
MDLC Physical Interface Outline
Txp
Rxp
Driver
BUS
PHYSICAL INTERFACE
Sleep/Wake
Prst
VBATT
LOAD
R1
L1
Waveshaper
C1
Sleep & Wake
Rx Comparator
Control
+
-
Vref
REXT1
REXT2
VDD
VSSD
To VDD
+5V
Voltage References &
Control
0.1
µF
P6KE15A
0.1
µF
0V
+12V
J1850 BUS
31.6 k
Ω 1%
24.9 k
Ω 1%
MDLC Use
R1
C1
L1
1st node in system
1.5k
Ω ±1%
3300pF/2700pF*
TDK NL322522T-470J-3 (surface)
TDK SP0203-470K-7 (leaded)
All other nodes
10.7k
Ω ±1%
470pF/220pF*
TDK NL322522T-470J-3 (surface)
TDK SP0203-470K-7 (leaded)
All circuit board grounds (
) should be tied to a single point on the circuit board.
The chassis ground (
) should be tied to a single point on the chassis as close to the Bus connector as
possible.
The L1,C1 filter should be located as close to the Bus connector as possible.
R1, REXT1, REXT2 and decoupling capacitors should be located as close as possible to the MDLC
Transient protection circuits are optional and only examples of how a protection scheme might be
implemented, these devices may not be sufficient for all applications and under all circumstances.
P6KE30A
1N5822
Example VBATT transient protection
VCCA
TSMA16A(surface)
Locate close to
module connector
Example
transient/ESD
protection
P4KA16A(leaded)
Both
Notes:
* Values account for load contributions by protection
devices
47
µH
Keep lead lengths
to a minimum on
leaded devices
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com