Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 144 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 133
MC68HC705V8 Specification Rev. 2.1
register. If in Block mode (RXBM bit set by MCU in MCR register) the MCU should treat the
received bytes as part of an in-progress message until the MDLC clears the RXBM bit.
Once the received data bytes of interest to the CPU have been analyzed, the MCU must
write any quantity to the MRSR register to free it for the next received message.
15.7.4
RECEIVING A MESSAGE IN BLOCK MODE
Although not a part of the SAE J1850 protocol, the MDLC does allow for a special ’Block
mode’ of operation for the receiver only. The MDLC cannot transmit Block mode messages.
As far as the MDLC is concerned, a Block mode message is simply a long J1850 frame that
contains an indefinite number of data bytes. All of the other features of the frame remain
the same, including the SOF, CRC and EOD symbols.
Another node wishing to send a Block mode transmission must first inform all other nodes
on the network that this is about to happen. This is usually accomplished by sending a
special predefined message. MDLC nodes wishing to receive the message should set the
Receive Block Mode (RXBM) bits in the MDLC Control Register (MCR).
Since the MDLC only has a finite amount of received data buffering available, the
programmer must ensure that received data is moved from the Rx Buffers to the application
memory throughout the duration of the Block mode message. The MDLC aids the user by
utilizing both Rx Buffers to buffer the arriving data bytes in Block mode. As soon as one Rx
Buffer fills, the incoming data ’spills over’ into the second Rx Buffer, the Received Message
Successfully (RXMS) bit in the MDLC Status Register (MSR) will be set and a CPU interrupt
request is generated, signalling to the user that an Rx Buffer must be emptied and "given
back" in the same manner as explained for receiving normal messages. This alternate
filling of Rx Buffers gives plenty of time for one Rx Buffer to be emptied by the user, while
the other one is being filled by the MDLC.
The Rx Buffers will continue to be alternately filled and emptied until an EOD symbol, or
error, is detected. Throughout the reception of the Block mode message, the MDLC will
calculate a running CRC. When an EOD symbol is finally detected, the CRC will be
checked and, if correct, the Received Message Successfully (RXMS) bit in the MDLC
Status Register (MSR) will be set, the RXBM bit will be cleared and a CPU interrupt request
will be generated.
Should the second Rx Buffer ever fill, then it will attempt to spill over into the first Rx Buffer
which (hopefully) has been emptied in time. If not, an overflow condition is detected, both
Rx Buffer pointers are reset (discarding the data currently held in the Rx Buffers), the
RXBM bit will be cleared, and the MDLC will silently wait for the next normal J1850
message to be received. Any other errors detected during the reception of a Block mode
message (e.g. invalid symbols) will result in these same actions.
MDLC nodes not wishing to receive a Block mode message can leave the RXBM bit clear,
causing all Block mode messages to be completely ignored. The next normal J1850
message to appear on the bus will be automatically received as long as it contains no
errors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com