Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 155 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 151Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 152Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 153Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 154Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 144
MC68HC705V8 Specification Rev. 2.1
17.3
DC ELECTRICAL CHARACTERISTICS
(VDD = 5.0 Vdc ±10%, VSS = 0 Vdc, TA = -40°C to +85°C, unless otherwise noted)
I
IN
(I
Load
= -0.8 mA) PA0-7, PB0-7, PC0-7, PF0-3, PWM
Output voltage
I
Load
= 10.0
µA
Unit
Max
Typ
Min
Symbol
Characteristic
V
0.1
—
—
V
OL
—
—
V
DD
-0.1
V
OH
Output High Voltage
—
—
V
DD
-0.8
V
OH
V
Output Low Voltage
(I
Load
= 1.6 mA) PA0-7, PB0-7, PC0-7, PF0-3,PWM
Input High Voltage
V
DD
V
BATT
—
V
IH
Ports A,B C
VIGN
V
0.
8×V
DD
0.
8×V
BATT
Input Low Voltage
0.
4×V
DD
0.
4×V
BATT
—
V
IL
Ports A, B, C
VIGN
V
V
SS
V
SS
0.4
—
---
V
OL
V
20.25
20
V
PP
EPROM programming voltage
V
19.75
10
5
mA
—
EPROM programming current
I
PP
---
---
---
---
I
DD
I
DD
VDD Supply Current (see Notes)
mA
Run
mA
Wait SPI, TIMER, A/D, PWM, COP and LVR enabled
Stop (Regulator disabled, LVR enabled)
25
°C
0
°C to +70°C (Standard)
-40
°C to +85°C (Extended)
I
DD
I
DD
I
DD
---
TBD
TBD
325
3
5
---
---
---
TBD
TBD
µA
µA
µA
I/O Ports Hi-Z Leakage Current
±1
—
I
IL
PA0-7, PB0-7, PC0-7, PF0-3
µA
—
Input Current
±1
—
RESET, IRQ, OSC1, TCAP, PD0-7,PE0-7, SS
µA
—
Capacitance *
12
—
C
OUT
Ports (as Input or Output)
pF
—
RESET, IRQ, OSC1, OSC2, TCAP, PD0-7,PE0-7, SS
C
IN
—8
—pF
---
I
BATT
VBATT Supply Current at 12V
25
TBD
µA
---
I
BATT
800
TBD
µA
---
I
BATT
600
TBD
µA
Stop Regulator disabled
Stop Regulator enabled (includes STOP IDD , LVR disabled)
Run Regulator disabled (Transceiver current)
---
mA
Wait above modules off
I
DD
1.2
---
25
°C (LVR disabled)
I
DD
---
200
---
µA
Input High Voltage
V
DD
—
V
IH
Ports D, E, F, IRQ, RESET, OSC1
V
0.
7×V
DD
Input Low Voltage
0.
3×V
DD
—
V
IL
PortsD, E, F, IRQ, RESET, OSC1
V
V
SS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com