Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705V8GRS/D Datasheet(PDF) 157 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 157 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 153Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 154Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 155Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 172 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 146
MC68HC705V8 Specification Rev. 2.1
17.4
REGULATOR ELECTRICAL CHARACTERISTICS
(VBATT = 12 Vdc ±10%, VSS = 0 Vdc, TA = -40°C to +85°C, unless otherwise noted)
* max IDD of 20mA at VDD=3.5V.
NOTES: (All values shown reflect average measurements.)
1. Maximum voltage of 26.5V for 5 minutes only. If V
BATT exceeds VBATTMAX , V
DD may deviate from min. max limits.
2. Guaranteed by design. Not tested in productions tests.
3. This is the available current out of the VDD pin for off chip usage.
4. This transient may be disruptive but will not be destructive.
5. Total regulator load of 20 mA. Lighter load currents result in lower VDIFF.
Symbol
Characteristic
Min
Max
Units
V
16
V
BATT
Input Voltage1
8
V
40
V
BATTMAX
Maximum Input Voltage transient amplitude 2,4
26.5
uA
TBD
I
BIAS
Input Bias Current
TBD
uVrms
TBD
VN
Output Noise Voltage 2
-
dB
65
RR
Ripple Rejection Ratio 2
-
V
2.50
V
DIFF
Input - Output Differential Voltage 5 VBATT to VDD with VBATT < min.
1.5*
mA
95
I
SHORT
Short Circuit Current Limit
75
mV/
°C
TBD
T
C
Temperature Coefficient 2
-
mA
20
IO
Output Current 3
-
V
5.25
VDD
Output Voltage
4.75
mV
50
V
LINEREG
Line regulation
-
mV
50
V
LOADREG
Load regulation at 20 mA
-
mS
200
V
BATTDUR
Maximum Input Voltage transient duration 2,4
--
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com