Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
General Description
General Release Specification
MC68HC705E5 — Rev. 1.0
General Description
1.5.3 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit
which can optionally drive a PLL clock. A crystal, a ceramic resonator, or
an external signal connects to these pins providing a system clock. The
oscillator frequency is two times the internal bus rate if the PLL is not
used.
Crystal
Figure 1-3 (a) shows the recommended circuit for using a crystal. The
crystal and components should be mounted as close as possible to
the input pins to minimize output distortion and startup stabilization
time.
Ceramic Resonator
A ceramic resonator may be used in place of the crystal in
cost-sensitive applications. Figure 1-3 (a) shows the recommended
circuit for using a ceramic resonator. The manufacturer of the
particular ceramic resonator being considered should be consulted
for specific information.
External Clock
An external clock should be applied to the OSC1 input with the OSC2
pin not connected (refer to Figure 1-3 (b)). This setup can be used if
the user does not wish to run the CPU with a 32.768-kHz crystal or
the PLL frequencies are not suitable for the application.
Figure 1-3. Oscillator Connections
<
OSC1
OSC2
OSC1
OSC2
MCU
MCU
EXTERNAL CLOCK
UNCONNECTED
(a) Crystal/Ceramic Resonator
(b) External Clock Source
330 k
Ω
20 M
Ω
32.768 kHz
Oscillator Connections
Connections
33 pF
10 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com