Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 39 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
Interrupts
Custom Periodic Interrupt (CPI)
MC68HC705E5 — Rev. 1.0
General Release Specification
Interrupts
4.7 Custom Periodic Interrupt (CPI)
The CPI flag and enable bits are located in the CPI control and status
register (CPICSR). A CPI interrupt will vector to the interrupt service
routine located at the address specified by the contents of memory
location $1FF6 and $1FF7.
The custom periodic interrupt is mask programmable to a 0.25 second,
0.5 second, or 1 second interrupt. The interrupt is generated from the
32-kHz OSC1 input by a 15-bit counter. This interrupt is under the
control of the custom periodic interrupt control and status register
located at $12.
CPIF — Custom Periodic Interrupt Flag
CPIF is a clearable, read-only status bit and is set when the 15-bit
counter changes from $7FFF to $0000. A CPU interrupt request will
be generated if CPIE is set. Clearing the CPIF is done by writing a
zero to it. Writing a one to CPIF has no effect on the bit’s value. Reset
clears CPIF.
CPIE — Custom Periodic Interrupt Enable
When this bit is cleared, the CPI interrupts are disabled. When this bit
is set, the CPU interrupt request is generated when the CPIF bit is set.
Reset clears this bit.
Address
$0012
Bit 7
654321
Bit 0
Read:
0
CPIF
0
CPIE
0000
Write:
Reset:
00000000
Figure 4-3. Custom Periodic Interrupt Control
and Status Register (CPICSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com