Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 55 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 148 page
background image
MC68HC705E5 — Rev. 1.0
General Release Specification
Timer
General Release Specification — MC68HC705E5
Section 8. Timer
8.1 Contents
8.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
8.3
Timer Control and Status Register . . . . . . . . . . . . . . . . . . . . . .57
8.4
Timer Counter Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .59
8.2 Introduction
The timer for this device is a 15-stage multifunctional ripple counter. The
features include timer overflow, power-on reset (POR), and real-time
interrupt.
As seen in Figure 8-1, the timer is driven by the output of the clock select
circuit (as determined by the value of BCS in the PLLCR) and then a
fixed divide-by-four prescaler. This signal drives an 8-bit ripple counter.
The value of this 8-bit ripple counter can be read by the CPU at any time
by accessing the timer counter register (TCR) at address $09. A timer
overflow function is implemented on the last stage of this counter, giving
a possible interrupt at the rate of fop/1024. Two additional stages
produce the POR function at fop/4064.
This circuit is followed by two more stages, with the resulting clock
(fop/16,384) driving the real-time interrupt circuit. The RTI circuit consists
of three divider stages with a one-of-four selector. The RTI rate selector
bit and the RTI and TOF enable bits and flags are located in the timer
control and status register at location $0008.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com