Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.6.3 M-Bus Control Register
The M-bus control register (MCR) provides five control bits and is
cleared upon reset.
MEN — M-Bus Enable Bit
If MEN is set, the M-bus interface system is enabled. If MEN is
cleared, the interface is reset and disabled. The MEN bit must be set
first before any bits of MCR are set.
MIEN — M-Bus Interrupt Enable Bit
If MIEN is set, an interrupt occurs provided the MIF flag in the status
register is set and the I bit in the condition code register is cleared. If
MIEN is cleared, the M-bus interrupt is disabled.
MSTA — Master/Slave Mode Select Bit
Upon reset, this bit is cleared. When this bit is changed from a logic 0
to a logic 1, a start signal is generated on the bus, and master mode
is selected. When this bit is changed from a logic 1 to a logic 0, a stop
signal is generated and the operating mode changes from master to
slave.
In master mode, a bit clear immediately followed by a bit set
generates a repeated start signal (see Figure 11-1) without
generating a stop signal.
1 = Master
0 = Slave
Address:
$001A
Bit 7
654321
Bit 0
Read:
MEN
MIEN
MSTA
MTX
TXAK
MMUX
Write:
Reset:
000000
—
—
= Unimplemented
Figure 11-6. M-Bus Control Register (MCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com