Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 48 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
Operating Modes
General Release Specification
MC68HC705E5 — Rev. 1.0
Operating Modes
6.3 Single-Chip Mode
In single-chip mode, the address and data buses are not available
externally, but there are two 8-bit input/output (I/O) ports and one 4-bit
I/O port. This mode allows the MCU to function as a self-contained
microcontroller, with maximum use of the pins for on-chip peripheral
functions. All address and data activity occurs within the MCU.
Single-chip mode is entered on the rising edge of RESET if the IRQ pin
is within normal operating range.
Refer to Figure 1-2 for the single-chip user mode pinout diagram.
6.4 Self-Check Mode
The self-check mode provides an internal check to determine if the
device is functional.
6.5 Low-Power Modes
The following subsections provide a description of the low-power modes.
6.5.1 Stop Mode
The STOP instruction places the MCU in its lowest power-consumption
mode. In stop mode, the internal oscillator is turned off, halting all
internal processing, including timer (and COP watchdog timer)
operation.
During stop mode, the I bit in the CCR is cleared to enable external
interrupts. All other registers, including the bits in the TCSR, and
memory remain unaltered. All input/output lines remain unchanged. The
processor can be brought out of stop mode only by an external interrupt
or RESET.
The STOP instruction can be disabled by a mask option. When disabled,
the STOP instruction causes a chip reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com