Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 62 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 148 page
background image
Phase-Locked Loop (PLL) Synthesis
General Release Specification
MC68HC705E5 — Rev. 1.0
Phase-Locked Loop (PLL) Synthesis
Figure 9-1. PLL Circuit
To change PLL frequencies, follow the procedure outlined here:
1. Clear BCS to enable the low-frequency bus rate.
2. Clear PLLON to disable the PLL and select high bandwidth.
3. Select the speed using PS1 and PS0.
4. Set PLLON to enable the PLL.
5. Wait a time of 90% tPLLS for the PLL frequency to stabilize and
select manual low bandwidth, wait another 10% tPLLS.
6. Set BCS to switch to the high-frequency bus rate
The user cannot switch among the high speeds with the BCS bit set.
Following the procedure above will prevent possible bursts of
high-frequency operation during the re-configuration of the PLL.
Whenever the PLL is first enabled, the wide bandwidth mode should be
used. This enables the PLL frequency to ramp up quickly. When the
output frequency is near the desired frequency, the filter is switched to
the narrow bandwidth mode to make the final frequency more stable.
LOOP FILTER
VCO
PHASE
PCOMP
PLLOUT
FREQUENCY
DIVIDER
OSC1
XFC
CRYSTAL
OSCILLATOR
PS1
PS0
TO CLOCK
DETECT
GENERATION
CIRCUITRY
CLOCK
SELECT
BCS
0.1
µF
0.1
µF
VDDSYN
tREF
tFB
÷ 2
OSC1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com