Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 86 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.6.5 M-Bus Data I/O Register
In master transmit mode, data written to this register is sent (MSB first)
to the bus automatically. In master receive mode, reading from this
register initiates reception of the next byte of data. This is accomplished
by holding the SCL clock line low until a read of this register occurs.
Once the data is read, the device releases the SCL line to allow the
transmitting device to transmit the next byte. In slave mode, the same
function is available after it is addressed.
Address:
$001C
Bit 7
654321
Bit 0
Read:
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
Write:
Reset:
Unaffected by Reset
Figure 11-8. M-Bus Data I/O Register (MDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com