Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.6.2 M-Bus Frequency Divider Register
Bit 0–Bit 4
These bits are used for clock rate selection. The serial bit clock
frequency is equal to the CPU clock divided by the divider shown in
Table 11-1. This register is cleared upon reset.
For a 4-MHz external crystal operation (2-MHz internal operating
frequency), the serial bit clock frequency of the M-bus ranges from
460 Hz to 90,909 Hz.
Address:
$0019
Bit 7
654321
Bit 0
Read:
FD4
FD3
FD2
FD1
FD0
Write:
Reset:
—
—
—
0
0000
= Unimplemented
Figure 11-5. M-Bus Frequency Divider Register (MFDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com