Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 63 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
Phase-Locked Loop (PLL) Synthesis
Phase-Locked Loop Control Register
MC68HC705E5 — Rev. 1.0
General Release Specification
Phase-Locked Loop (PLL) Synthesis
9.3 Phase-Locked Loop Control Register
This read/write register contains the control bits which select the PLL
frequency and enable/disable the synthesizer.
BCS — Bus Clock Select
When this bit is set, the output of the PLL is used to generate the
internal processor clock. When clear, the internal bus clock is driven
by the crystal (OSC1
÷ 2). Once BCS has been changed, it may take
up to 1.5 OSC1 cycles + 1.5 PLLOUT cycles to make the transition.
During the transition, the clock select output will be held low and all
CPU and timer activity will cease until the transition is complete.
Before setting BCS, allow at least a time of tPLLS after PLLON is set.
This bit cannot be set unless the PLLON bit is already set on a
previous instruction. Reset clears this bit.
BWC — Bandwidth Control
This bit selects high bandwidth control when set and low bandwidth
control when clear. The low bandwidth driver is always enabled, so
this bit determines whether the high bandwidth driver is on or off.
When the PLL is turned on, the BWC bit should be set to a logic 1 for
a time of 90% tPLLS to allow the PLL time to acquire a frequency close
to the desired frequency. The BWC bit should then be cleared and
software should delay for a time 10% tPLLS to allow the PLL time to
make the final adjustments. The PLL clock cannot be used (BCS bit
set). Although it is NOT prohibited in hardware, the BCS bit should not
be set unless the BWC bit is cleared and the proper delay times have
been followed. The PLL will generate a lower jitter clock when the
BWC bit is cleared. Reset clears this bit.
Address:
$0007
Bit 7
654321
Bit 0
Read:
0
BCS
0
BWC
PLLON
VCOTST
PS1
PS0
Write:
Reset:
00001101
Figure 9-2. Phase-Locked Loop Control Register (PLLCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com