Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 99 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 148 page
background image
Synchronous Serial Interface (SSI)
SSI Signals
MC68HC705E5 — Rev. 1.0
General Release Specification
Synchronous Serial Interface (SSI)
pin will depend on the value of the CPOL bit. Data can be sent or
received in either MSB first format (LSBF = 0) or LSB first format
(LSBF = 1).
If (CPOL = 1), the first falling edge of SCK will shift the first data bit
out to the SDIO pin. Subsequent falling edges of SCK will shift the
remaining data bits out.
If (CPOL = 0), the first data bit will be driven out to the SDIO pin before
the first rising edge of SCK. Subsequent falling edges of SCK will shift
the remaining data bits out.
SDIO as an Input Pin
The SDIO pin will accept data once the SSI is enabled and the SDIR
bit = 0. Valid data must be present at least 100 ns before the rising
edge of the clock and remain valid for 100 ns after the edge. See
Figure 12-2 and Figure 12-3.
Figure 12-2. Synchronous Serial Interface Timing (CPOL = 1)
Figure 12-3. Synchronous Serial Interface Timing (CPOL = 0)
SDIO
BIT 1
BIT 2
BIT 3
BIT 7
SCK
BIT 8
SE
SDIO
BIT 1
BIT 2
BIT 3
BIT 7
SCK
BIT 8
SE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com