Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 101 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
Synchronous Serial Interface (SSI)
SSI Registers
MC68HC705E5 — Rev. 1.0
General Release Specification
Synchronous Serial Interface (SSI)
LSBF — Least Significant Bit First
The LSBF bit determines the format of the data transfer. The two
formats are least significant bit (LSB) or most significant bit (MSB)
transferred or received first. Reset clears this bit, initializing the SSI to
MSB first order.
1 = Data will be sent and received in an LSB first format.
0 = Data will be sent and received in an MSB first format.
MSTR — Master Mode
Reset clears this bit and configures the SSI for slave operation. MSTR
may be set at any time regardless of the state of SE.
1 = SSI is configured for master mode. The transmission is initiated
by a write to the data register and the SCK pin becomes an
output providing a synchronous data clock at a rate determined
by the SR bit.
0 = SSI is configured to slave mode. Any transmission in progress
is aborted. Transfers are initiated by an external master which
should supply the clock signal to the SCK pin.
CPOL — Clock Polarity
The clock polarity bit controls the state of the SCK pin between
transmissions.
1 = SCK will be high between transmissions.
0 = SCK will be low between transmissions.
In both cases, the data is latched on the rising edge of SCK for serial
input and is valid on the rising edge of SCK for serial output. Reset
sets this bit.
SDIR — Serial Data Direction
When the SE bit = 1, SDIR functions as the output driver enable bit
for the SDIO pin with SSI in master or in slave mode. This bit has no
effect on the SDIO pin when the SSI is disabled (SE = 0). This bit is
cleared by reset.
1 = Enable the output driver of the SDIO pin.
0 = Disable the output driver of the SDIO pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com