Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 96 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
Synchronous Serial Interface (SSI)
General Release Specification
MC68HC705E5 — Rev. 1.0
Synchronous Serial Interface (SSI)
12.2 Introduction
This synchronous serial I/O module is also used on the MC68HC05X1.
The module is similar to the SIOP used on the MC68HC05P7 and the
MC68HC705P9 and the SPI used on the MC68HC05L5.
The SSI is a two-wire master/slave system including serial clock (SCK)
and serial data input output (SDIO). Data is transferred eight bits at a
time. An interrupt may be generated at the completion of each transfer,
and a software programmable option determines whether the SSI
transfers data most significant bit (MSB) or least significant bit (LSB)
first. When operating as a master device, the serial clock speed is
selectable between four rates; as a slave device, the clock speed may
be chosen over a wide range. Refer to Figure 12-1.
In master mode, transmission is initiated by a write to the SSI data
register (SDR). A transfer cannot be initiated in slave mode; however,
the external master will initiate the transfer. The programmer must
choose between master or slave mode before the SSI is enabled. It is up
to the programmer to ensure that only one master exists in the system
at any one time. All devices in the system must operate with the same
clock polarity and data rates. Slaves should always be disabled before
the master is disabled. Likewise, the master should always be enabled
before the slaves are enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com