Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
Interrupts
General Release Specification
MC68HC705E5 — Rev. 1.0
Interrupts
4.5 External Interrupt
If the I bit of the condition code reister (CCR) is set, all maskable
interrupts (internal and external) are disabled. Clearing the I bit enables
interrupts. The interrupt request is latched immediately following the
falling edge of IRQ. It is then synchronized internally and serviced by the
interrupt service routine located at the address specified by the contents
of $1FFA and $1FFB.
Either a level-sensitive and edge-sensitive trigger or an
edge-sensitive-only trigger is available as a mask option.
NOTE:
The internal interrupt latch is cleared in the first part of the interrupt
service routine; therefore, one external interrupt pulse could be latched
and serviced as soon as the I bit is cleared.
4.6 Timer Interrupt
Two different timer interrupt flags cause a timer interrupt whenever they
are set and enabled. The interrupt flags and enable bits are located in
the timer control and status register (TCSR). Either of these interrupts
will vector to the same interrupt service routine, located at the address
specified by the contents of memory location $1FF8 and $1FF9. For
additional information, refer to 8.3 Timer Control and Status Register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com