Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 44 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 44Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
Resets
General Release Specification
MC68HC705E5 — Rev. 1.0
Resets
The RESET pin can also act as an open-drain output. It will be pulled to
a low state by an internal pulldown that is activated by any reset source.
This RESET pulldown device will be asserted only by three to four cycles
of the internal clock, PH2 (PH2 period = E clock period), or as long as an
internal reset source is asserted. When the external RESET pin is
asserted, the pulldown device will be turned on for the three to four
internal clock cycles only.
5.4 Internal Resets
The four internally generated resets are the initial power-on reset
function, the COP watchdog timer reset, the illegal address detector, and
the disabled STOP instruction. The only reset sources that can alter the
MCU’s operating mode are termination of the external RESET input or
the internal COP watchdog timer. The other internal resets will not have
any effect on the mode of operation when their reset state ends. All
internal resets will also assert (pull to logic 0) the external RESET pin for
the duration of the reset or three to four internal clock cycles, whichever
is longer.
5.5 Power-On Reset (POR)
The internal POR is generated on power-up to allow the clock oscillator
to stabilize. The POR is strictly for power turn-on conditions and is not
able to detect a drop in the power supply voltage (brown-out). There is
an oscillator stabilization delay of 4064 internal processor clock cycles
after the oscillator becomes active.
The POR will generate the RST signal which will reset the CPU. If any
other reset function is active at the end of the 4064-cycle delay, the RST
signal will remain in the reset condition until the other reset condition(s)
end.
POR will activate the RESET pin pulldown device connected to the pin.
VDD must drop below VPOR for the internal POR circuit to detect the next
rise of VDD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com