Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 69 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 65Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
Computer Operating Properly (COP) Watchdog
System Control and Status Register
MC68HC705E5 — Rev. 1.0
General Release Specification
Computer Operating Properly (COP) Watchdog
COPR — COP Reset
COPR is a read-only status bit. This bit is set by a COP reset, but is
cleared by POR, external reset, or illegal address reset.
1 = Last reset was a COP reset.
0 = Last reset was not a COP reset.
NOTE:
The COP watchdog reset is a mask option. Therefore, a COP reset will
only occur when this option is enabled. This option cannot be disabled
by software.
CRS1 and CRS0 — COP Rate Select
The value of these two bits determines the COP timeout rate. These
bits can be written only on the first write to this register after reset. If
these bits are never written to, the COP reset rate will be set at one
second. The COP counter chain is cleared when these bits are
written.
NOTE:
Although these bits default to zero, the user should write to these bits to
prevent subsequent writes from changing the COP rate.
A bit set/clear for any bit in this register is executed as a
read-modify-write of this register. If used as the first write to this register,
further writes to CRS1 and CRS0 would not be valid, and the default
value would be set.
Table 10-1. COP Rates at fosc = 32.768 kHz
CRS1
CRS0
Minimum COP Rate
0
0
1 second
0
1
2 seconds
1
0
4 seconds
1
1
8 seconds
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com