Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 89 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
Motorola Bus (M Bus) Interface
Programming Considerations
MC68HC705E5 — Rev. 1.0
General Release Specification
Motorola Bus (M Bus) Interface
11.8.2 Generation of a Start Signal and the First Byte of Data Transfer
After completion of the initialization procedure, serial data can be
transmitted by selecting the master transmitter mode. If the device is
connected to a multimaster bus system, the state of the M-bus busy bit
(MBB) must be tested to check whether the serial bus is free. If the bus
is free (MBB = 0), the start condition and the first byte (the slave address)
can be sent.
An example of a program which generates the start signal and transmits
the first byte of data (slave address) is shown here. (The MMUX bit must
be set to allow control of PB7 and PB6 pins.)
SEI
; DISABLE INTERRUPT
CHFALG
BRSET
5,MSR,CHFLAG; CHECK THE MBB BIT OF THE
; STATUS REGISTER. IF IT IS
; SET, WAIT UNTIL IT IS CLEAR
TXSTART
BSET
4,MCR
; SET TRANSMIT MODE
BSET
5,MCR
; SET MASTER MODE
; i.e., GENERATE START CONDITION
LDA
#CALLING
; GET THE CALLING ADDRESS
STA
MDR
; TRANSMIT THE CALLING
; ADDRESS
CLI
; ENABLE INTERRUPT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com