Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
Timer
Timer Counter Register
MC68HC705E5 — Rev. 1.0
General Release Specification
Timer
8.4 Timer Counter Register
The timer counter register (TCR) is a read-only register which contains
the current value of the 8-bit ripple counter at the beginning of the timer
chain. This counter is clocked at fop divided by four and can be used for
various functions including a software input capture. Extended time
periods can be attained using the TOF function to increment a temporary
RAM storage location, thereby simulating a 16-bit (or more) counter.
The power-on cycle clears the entire counter chain and begins clocking
the counter. After 4064 cycles, the power-on reset circuit is released,
which again clears the counter chain and allows the device to come out
of reset. At this point, if RESET is not asserted, the timer will start
counting up from zero and normal device operation will begin. When
RESET is asserted any time during operation other than POR, the
counter chain will be cleared.
Address:
$0009
Bit 7
654321
Bit 0
Read:
Write:
Reset:
00000011
= Unimplemented
Figure 8-3. Timer Counter Register (TCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com