Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 90 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.8.3 Software Responses after Transmission or Reception of a Byte
Transmission or reception of a byte will set the data transferring bit
(MCF) to a logic 1, which indicates one byte of communication is
finished. Also, the M-bus interrupt bit (MIF) is set to generate an M-bus
interrupt if the interrupt function is enabled during initialization. Software
must clear the MIF bit in the interrupt routine first. The MCF bit will be
cleared by reading from the M-bus data I/O register (MDR) in receive
mode or writing to MDR in transmit mode. Software may serve the M-bus
I/O in the main program by monitoring the MIF bit if the interrupt function
is disabled.
The following is an example of a software response by a master
transmitter in the interrupt routine. See Figure 11-9.
ISR
BCLR
1,MSR
; CLEAR THE MIF FLAG
BRCLR
5,MCR,SLAVE
; CHECK THE MSTA FLAG,
; BRANCH IF SLAVE MODE
BRCLR
4,MCR,RECEIVE
; CHECK THE MODE FLAG,
; BRANCH IF IN RECEIVE MODE
BRSET
0,MSR,END
; CHECK ACK FROM RECEIVER
; IF NO ACK, END OF
; TRANSMISSION
TRANSMIT LDA
DATABUF
; GET THE NEXT BYTE OF DATA
STA
MDR
; TRANSMIT THE DATA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com