Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 100 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 148 page
background image
Synchronous Serial Interface (SSI)
General Release Specification
MC68HC705E5 — Rev. 1.0
Synchronous Serial Interface (SSI)
12.4 SSI Registers
The SSI registers are described in the following subsections.
12.4.1 SSI Control Register
This register is located at address $000A. A reset clears all of these bits,
except bit 3 which is set. Writes to this register during a transfer should
be avoided, with the exception of clearing the SE bit to disable the SSI.
In addition, the clock polarity, rate, data format, and master/slave
selection should not be changed while the SSI is enabled (SE = 1) or
being enabled. Always disable the SSI, by clearing the SE bit, before
altering control bits within the SCR.
SIE — SSI Interrupt Enable
This bit determines whether an interrupt request should be generated
when a transfer is complete. Reset clears this bit.
1 = An interrupt request will be made if the CPU is in the run or wait
mode of operation and the status flag bit SF is set.
0 = No interrupt requests will be made by the SSI.
SE — SSI Enable
When this bit is set, it enables the SSI and SCK pins. When this bit is
cleared, any transmission in progress is aborted and the SCK and
SDIO are three-stated. The SE bit is readable and writable any time.
Clearing SE while a data transfer is occurring will abort the
transmission and reset the bit counter. Reset clears this bit.
1 = Enable the SSI module.
0 = Disable the SSI module.
Address:
$000A
Bit 7
654321
Bit 0
Read:
SIE
SE
LSBF
MSTR
CPOL
SDIR
SR1
SR0
Write:
Reset:
00001000
Figure 12-4. SSI Control Register (SCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com