Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 57 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
Timer
Timer Control and Status Register
MC68HC705E5 — Rev. 1.0
General Release Specification
Timer
8.3 Timer Control and Status Register
The timer control and status register (TCSR) contains the timer interrupt
flag, the timer interrupt enable bits, and the real-time interrupt rate select
bits. Figure 8-2 shows the value of each bit in the TCSR when coming
out of reset.
TOF — Timer Over Flow
TOF is a clearable, read-only status bit and is set when the 8-bit ripple
counter rolls over from $FF to $00. A CPU interrupt request will be
generated if TOFE is set. Clearing the TOF is done by writing a logic 1
to TOFA. This is a read-only bit. Reset also clears TOF.
RTIF — Real-Time Interrupt Flag
The real-time interrupt circuit consists of a 3-stage divider and a
one-of-four selector. The clock frequency that drives the RTI circuit is
fop/2
13 (or f
op/8192) with three additional divider stages giving a
maximum interrupt period of four seconds at a crystal frequency of
32.768 kHz. RTIF is a clearable, read-only status bit and is set when
the output of the chosen (one-of-four selection) stage goes active. A
CPU interrupt request will be generated if RTIE is set. Clearing the
RTIF is done by writing a logic 1 to RTIFA. Reset also clears RTIF.
TOFE — Timer Overflow Enable
When this bit is set, a CPU interrupt request is generated when the
TOF bit is set. Reset clears this bit.
Address:
$0008
Bit 7
654321
Bit 0
Read:
TOF
RTIF
TOFE
RTIE
TOFA
RTIFA
RT1
RT0
Write:
Reset:
00000011
Figure 8-2. Timer Control and Status Register (TCSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com